Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFB211503EL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFB211503EL
Description  Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB211503EL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFB211503EL Datasheet HTML 3Page - Infineon Technologies AG PTFB211503EL Datasheet HTML 4Page - Infineon Technologies AG PTFB211503EL Datasheet HTML 5Page - Infineon Technologies AG PTFB211503EL Datasheet HTML 6Page - Infineon Technologies AG PTFB211503EL Datasheet HTML 7Page - Infineon Technologies AG PTFB211503EL Datasheet HTML 8Page - Infineon Technologies AG PTFB211503EL Datasheet HTML 9Page - Infineon Technologies AG PTFB211503EL Datasheet HTML 10Page - Infineon Technologies AG PTFB211503EL Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PTFB211503EL
PTFB211503FL
Confidential, Limited Internal Distribution
Data Sheet
7 of 14
Rev. 04, 2011-03-07
PTFB211503EL/FL_INPUT
C101
10 pF
C102
10 pF
C801
1000 pF
C802
1000 pF
C803
1000 pF
TL101
TL102
TL103
TL104
TL105
1
2
3
4
TL106
TL107
TL108
TL109
1
2
3
TL110
TL111
TL112
TL113
TL114
TL115
TL116
TL117
TL118
TL119
TL120
TL121
TL122
TL123
TL124
TL125
TL126
TL127
TL128
TL129
R101
10 Ohm
TL130
1
2
3
4
TL131
C103
4710000 pF
C104
4710000 pF
TL132
TL133
TL134 TL135
R801
1200 Ohm
R802
1300 Ohm
R803
10 Ohm
R804
100 Ohm
R805
10 Ohm
1
2
3
TL136
1
2
3
TL137
1
2
3
TL138
1
2
3
TL139
RF_IN
In
Out
NC
NC
1
2 3
4
5
6
7
8
S1
TL140
C105
0.6 pF
C106
2.2 pF
C107
8.2 pF
R104
10 Ohm
S
C
B
E
1
2
3
4
S2
3
S3
b 2 1 1 5 0 3 e f l _ b d i n _ 0 8 - 1 9 - 2 0 1 0
GATE DUT
(Pin G)
Reference Circuit
Reference circuit input schematic for ƒ = 2170 MHz
Reference circuit output schematic for ƒ = 2170 MHz
PTFB211503EL/FL_OUTPUT
C201
1000000 pF
C202
2200000 pF
TL201
TL202
TL203
TL204
TL205
TL206
TL207
TL208
TL209
TL210
TL211
TL212
TL213
TL214
1
2
3
TL215
C203
10000000 pF
TL216
TL217
TL218
1
2
3
TL219
1
2
3
TL220
1
2
3
TL221
TL222
TL223
TL224
1
2
3
TL225
TL226
1
2
3
TL227
1
2
3
TL228
C204
10000000 pF
C205
10000000 pF
C206
1000000 pF
C207
8.2 pF
1
2
3
TL229
C208
0.5 pF
TL230
C209
10000000
C210
2200000 pF
1
2
3
TL231
b 2 1 1 5 0 3 e f l _ b d o u t _ 0 8 - 1 9 - 2 0 1 0
DUT
(Pin V)
DRAIN DUT
(Pin D)
DUT
(Pin V)
RF_OUT
VDD
VDD


Similar Part No. - PTFB211503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211503EL INFINEON-PTFB211503EL Datasheet
832Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-14
PTFB211503ELV1R0 INFINEON-PTFB211503ELV1R0 Datasheet
832Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-14
PTFB211503ELV1R0XTMA1 INFINEON-PTFB211503ELV1R0XTMA1 Datasheet
832Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-14
PTFB211503ELV1R250 INFINEON-PTFB211503ELV1R250 Datasheet
832Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-14
PTFB211503ELV1R250XTMA1 INFINEON-PTFB211503ELV1R250XTMA1 Datasheet
832Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-14
More results

Similar Description - PTFB211503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
logo
Cree, Inc
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com