Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFB212503EL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFB212503EL
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB212503EL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTFB212503EL Datasheet HTML 3Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 4Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 5Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 6Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 7Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 8Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 9Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 10Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PTFB212503EL
PTFB212503FL
Confidential, Limited Internal Distribution
Data Sheet
7 of 14
Rev. 07, 2010-11-04
C102
2.4 pF
R101
10 Ohm
C103
10 pF
R102
10 Ohm
C104
10 pF
R804
1200 Ohm
R805
1300 Ohm
TL101
TL102
TL103
TL104
TL105
TL106
TL107
1
2
3
TL108
1
2
3
TL109
1
2
3
TL110
1
2
3
TL111
1
2
3
TL112
R801
10 Ohm
R802
100 Ohm
RF_IN
GATE DUT
(Pin A)
In
Out
NC
NC
1
2
3
4
5
6
7
8
S2
3
S3
S
C
B
E
1
2
3
4
S1
TL138
C106
4700000 pF
C105
4700000 pF
TL115
TL116
1
2
3
TL117
TL118
TL119
C801
1000 pF
C802
1000 pF
C803
1000 pF
R803
10 Ohm
TL120
C101
7.5 pF
TL113
TL114
TL121
1
2
3
4
TL122
TL123
TL124
TL125
TL126
TL127
TL128
TL129
TL130
TL131
TL132
TL133
TL134
TL135
TL136
TL137
b 2 1 2 5 0 3e f l _ b d i n _ 0 8- 0 4 - 2 0 1 0
C201
1.2 pF
C202
1.2 pF
TL201
TL202
TL203
TL204
TL205
TL206
1
2
3
4
TL207
VDD
TL208
TL209
TL210
TL211
1
2
3
TL212
1
2
3
TL213
1
2
3
TL214
TL215
TL216
TL217
TL218
TL219
TL220
TL221
TL222
TL223
TL224
TL225
C203
6.2 pF
1
2
3
TL226
TL227
TL228
1
2
3
TL229
1
2
3
TL230
1
2
3
TL231
TL232
DRAIN DUT
(Pin C)
1
2
3
TL233
TL234
C204
10000000pF
C205
10000000pF
C206
2200000pF
C207
2200000pF
C208
1000000pF
C209
1000000pF
C210
10000000pF
C211
10000000pF
b 2 1 2 5 0 3e f l _ b d o u t _0 8 - 0 4 - 2 0 1 0
DUT
(Pin D)
DUT
(Pin D)
RF_OUT
VDD
Reference Circuit
Reference circuit input schematic for ƒ = 2170 MHz
Reference circuit output schematic for ƒ = 2170 MHz
er=3.48
H=20 mil
RO/RO4350B1
er=3.48
H=20 mil
RO/RO4350B1


Similar Part No. - PTFB212503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB212503EL INFINEON-PTFB212503EL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFB212503ELV1R0 INFINEON-PTFB212503ELV1R0 Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFB212503ELV1R0XTMA1 INFINEON-PTFB212503ELV1R0XTMA1 Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFB212503ELV1R250 INFINEON-PTFB212503ELV1R250 Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFB212503ELV1R250XTMA1 INFINEON-PTFB212503ELV1R250XTMA1 Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
More results

Similar Description - PTFB212503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB212503EFL INFINEON-PTFB212503EFL Datasheet
830Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 07.1, 2016-06-15
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
logo
Cree, Inc
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com