Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA080304M Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTMA080304M
Description  Dual Wideband RF LDMOS Power Amplifier 30 W, 700-1000 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA080304M Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button PTMA080304M Datasheet HTML 3Page - Infineon Technologies AG PTMA080304M Datasheet HTML 4Page - Infineon Technologies AG PTMA080304M Datasheet HTML 5Page - Infineon Technologies AG PTMA080304M Datasheet HTML 6Page - Infineon Technologies AG PTMA080304M Datasheet HTML 7Page - Infineon Technologies AG PTMA080304M Datasheet HTML 8Page - Infineon Technologies AG PTMA080304M Datasheet HTML 9Page - Infineon Technologies AG PTMA080304M Datasheet HTML 10Page - Infineon Technologies AG PTMA080304M Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PTMA080304M
Confidential, Limited Internal Distribution
Data Sheet
7 of 16
Rev. 02, 2010-06-02
Reference Circuit (cont.)
Reference circuit input schematic for ƒ = 894 MHz
TL101
1
2
3
TL102
TL103
C101
43 pF
1
2
3
TL104
1
2
3
TL105
C102
10000000 pF
1
2
3
TL106
C103
1000000 pF
1
2
3
TL107
C104
100000 pF
1
2
3
TL108
1
2
3
TL109
TL110
1
2
3
TL111
TL112
TL113
TL114
C105
10000000 pF
TL115
1
2
3
TL116
1
2
3
TL117
1
2
3
TL118
1
2
3
TL119
C106
1000000 pF
C107
100000 pF
C108
43 pF
C109
10000000 pF
1
2
3
TL120
C110
10000000 pF
1
2
3
TL121
C111
1000000 pF
C112
100000 pF
1
2
3
TL122
1
2
3
TL123
C113
43 pF
C114
43 pF
1
2
3
TL124
TL125
TL126
1
2
3
TL127
1
2
3
TL128
1
2
3
TL129
1
2
3
TL130
1
2
3
TL131
TL132
TL133
TL134
TL135
TL136
TL137
C115
1000000 pF
C116
100000 pF
C117
43 pF
1
2
3
TL138
TL139
TL140
TL141
TL142
TL143
TL144
1
2
3
4
TL145
C118
10000000 pF
1
2
3
TL146
TL147
TL148
TL149
1
2
3
TL150
TL151
C119
10000000 pF
C120
1000000 pF
C121
100000 pF
1
2
3
TL152
TL153
TL154
C122
43 pF
1
2
3
TL155
1
2
3
TL156
TL157
TL162
TL163
TL164
TL173
TL174
TL175
TL180
1
2
3
TL181
1
2
3
TL182
C123
10000000 pF
RF_IN – B
GATE DUT – A
3
S6
3
S5
1
2
3
4
S4
3
S3
3
S2
1
2
3
4
S1
1
2
3
TL183
TL184
TL185
TL186
TL187
TL188
TL189
TL190
TL191
TL192
TL193
C124
43 pF
TL194
TL195 TL196
TL197
C125
10000000 pF
TL198 TL199
TL200
TL201
TL202
TL203
TL204
C126
43 pF
TL205
TL206
TL207
VG – B
C127
100000 pF
1
2
3
TL208
C128
1000000 pF
1
2
3
TL209
1
2
3
4
TL210
TL211
TL212
TL213
GATE DUT – B
VDD1 – B
VG – A
RF_IN – A
VDD1 – A
a080304 m_bdin_05-12-2010


Similar Part No. - PTMA080304M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA080302M INFINEON-PTMA080302M Datasheet
204Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
More results

Similar Description - PTMA080304M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA080302M INFINEON-PTMA080302M Datasheet
204Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA080152M INFINEON-PTMA080152M_10 Datasheet
350Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09
PTMA080152M INFINEON-PTMA080152M Datasheet
197Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
logo
Cree, Inc
PTMA080152M CREE-PTMA080152M Datasheet
814Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
PTMA080152 CREE-PTMA080152 Datasheet
814Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
logo
Infineon Technologies A...
PTMA210404FL INFINEON-PTMA210404FL_09 Datasheet
468Kb / 13P
   Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
PTMA210452EL INFINEON-PTMA210452EL Datasheet
387Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Rev. 06, 2009-09-01
PTMA180402EL INFINEON-PTMA180402EL Datasheet
443Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31
PTMA180402M INFINEON-PTMA180402M Datasheet
352Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com