Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR805 Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # MUR805
Description  Glass Passivated Efficient Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

MUR805 Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  MUR805 Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd MUR805 Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-65 to +175
TO-220AC
MUR805 THRU MUR860
Voltage Range 50 to 600 V
Current 8.0 Ampere
Glass Passivated Efficient Fast Recovery Rectifier
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
TJ, TSTG
MUR805
MUR820
MUR840
50
200
140
200
400
35
280
50
400
MUR860
600
420
600
8.0
10.0
125
1.3
1.5
0.975
25
250
3.0
UNIT
V
V
V
V
A
A
uA
uA
oC
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Operating Junction and Storage
Current TC=150
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 2)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic TO-220AC
High surge current capability
Weight: 2.07 grams
Polarity:Color band denotes cathode
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
1 / 2
R2 JUL-11
CHARACTERISTIC
MUR810
100
70
100
50
2.0
1
2
MAX.412(10.5)
.072(1.82)
.062(1.58)
.638(16.2)
.602(15.3)
.526(13.35)
.508(12.90)
.037(0.94)
.027(0.68)
DIA
.205(5.20)
.195(4.95)
.154(3.91)
.137(3.50)
PIN
1
2
.185(4.70)
.175(4.44)
.102(2.60)
.088(2.25)
.025(0.64)
.014(0.35)
.055(1.40)
.045(1.14)
.056(1.43)
.048(1.22)
.057(1.45)
.052(1.33)


Similar Part No. - MUR805

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR805 MCC-MUR805 Datasheet
102Kb / 2P
   8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts
logo
Kersemi Electronic Co.,...
MUR805 KERSEMI-MUR805 Datasheet
478Kb / 7P
   Power Rectifiers
logo
ON Semiconductor
MUR805 ONSEMI-MUR805 Datasheet
106Kb / 8P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 5
logo
Diode Semiconductor Kor...
MUR805 DSK-MUR805 Datasheet
253Kb / 2P
   ULTRA FAST RECTIFIERS
logo
ON Semiconductor
MUR805 ONSEMI-MUR805 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
More results

Similar Description - MUR805

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
EF201G YENYO-EF201G Datasheet
746Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
EF8A02 YENYO-EF8A02 Datasheet
844Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
EF10C01C YENYO-EF10C01C Datasheet
885Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
EF10C01CF YENYO-EF10C01CF Datasheet
949Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
EF20C02CF YENYO-EF20C02CF Datasheet
821Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
EF101G YENYO-EF101G Datasheet
753Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
EF301G YENYO-EF301G Datasheet
749Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
31GF4 YENYO-31GF4 Datasheet
740Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
logo
Comchip Technology
EF10C01C-G COMCHIP-EF10C01C-G Datasheet
73Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
EF20C02C YENYO-EF20C02C Datasheet
873Kb / 2P
   Glass Passivated Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com