Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1G Datasheet(PDF) 2 Page - YENYO TECHNOLOGY Co., Ltd

Part # S1G
Description  Surface Mount Standard Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

S1G Datasheet(HTML) 2 Page - YENYO TECHNOLOGY Co., Ltd

  S1G Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd S1G Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES S1A THRU S1M
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.0
0.6
0.4
0.2
0.8
0.1
1.0
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
5
10
15
20
25
30
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
S1K-S1M
S1A-S1J
YENYO TECHNOLOGY CO., LTD.
2 / 2
R3, FEB-11


Similar Part No. - S1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1G PANJIT-S1G Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
S1G DIOTEC-S1G Datasheet
160Kb / 3P
   Standard Recovery SMD Rectifier Diodes
logo
Diotech Company.
S1G DIOTECH-S1G Datasheet
695Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
S1G MCC-S1G Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
Vishay Siliconix
S1G VISHAY-S1G Datasheet
93Kb / 4P
   Surface-Mount Glass Passivated Rectifier
01-Jan-2022
More results

Similar Description - S1G

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
S5A YENYO-S5A Datasheet
660Kb / 2P
   Surface Mount Standard Rectifier
S3AB YENYO-S3AB Datasheet
673Kb / 2P
   Surface Mount Standard Rectifier
S2A YENYO-S2A Datasheet
658Kb / 2P
   Surface Mount Standard Rectifier
S2AA YENYO-S2AA Datasheet
657Kb / 2P
   Surface Mount Standard Rectifier
S3A YENYO-S3A Datasheet
660Kb / 2P
   Surface Mount Standard Rectifier
S15A YENYO-S15A Datasheet
655Kb / 2P
   Surface Mount Standard Rectifier
logo
PACELEADER INDUSTRIAL
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com