Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGP30N60 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SGP30N60
Description  Fast IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGP30N60 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SGP30N60_09 Datasheet HTML 1Page - Infineon Technologies AG SGP30N60_09 Datasheet HTML 2Page - Infineon Technologies AG SGP30N60_09 Datasheet HTML 3Page - Infineon Technologies AG SGP30N60_09 Datasheet HTML 4Page - Infineon Technologies AG SGP30N60_09 Datasheet HTML 5Page - Infineon Technologies AG SGP30N60_09 Datasheet HTML 6Page - Infineon Technologies AG SGP30N60_09 Datasheet HTML 7Page - Infineon Technologies AG SGP30N60_09 Datasheet HTML 8Page - Infineon Technologies AG SGP30N60_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SGP30N60
SGW30N60
2
Rev. 2.5 Nov. 09
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
RthJC
0.5
K/W
Thermal resistance,
junction – ambient
RthJA
PG-TO-220-3-1
PG-TO-247-3-21
62
40
Electrical Characteristic, at Tj = 25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V, IC=500µA
600
-
-
Collector-emitter saturation voltage
VCE(sat)
VGE = 15V, IC=30A
Tj=25°C
Tj=150°C
1.7
-
2.1
2.5
2.4
3.0
Gate-emitter threshold voltage
VGE(th)
IC=700µA,VCE=VGE
3
4
5
V
Zero gate voltage collector current
ICES
VCE=600V,VGE=0V
Tj=25°C
Tj=150°C
-
-
-
-
40
3000
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V, IC=30A
-
20
-
S
Dynamic Characteristic
Input capacitance
Ciss
-
1600
1920
Output capacitance
Coss
-
150
180
Reverse transfer capacitance
Crss
VCE=25V,
VGE=0V,
f=1MHz
-
92
110
pF
Gate charge
QGate
VCC=480V, IC=30A
VGE=15V
-
140
182
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
LE
PG-TO-220-3-1
PG-TO-247-3-21
-
-
7
13
-
nH
Short circuit collector current
2)
IC(SC)
VGE=15V,tSC≤10µs
VCC ≤ 600V,
Tj ≤ 150°C
-
300
-
A
2) Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - SGP30N60_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
More results

Similar Description - SGP30N60_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
SGP07N120 INFINEON-SGP07N120 Datasheet
386Kb / 11P
   Fast IGBT in NPT-technology
Jul-02
SGP02N60 INFINEON-SGP02N60 Datasheet
385Kb / 12P
   FAST IGBT IN NPT TECHNOLOGY
Jul-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com