Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # MMBT3904
Description  NPN Silicon Switching Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MMBT3904 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button MMBT3904 Datasheet HTML 4Page - Infineon Technologies AG MMBT3904 Datasheet HTML 5Page - Infineon Technologies AG MMBT3904 Datasheet HTML 6Page - Infineon Technologies AG MMBT3904 Datasheet HTML 7Page - Infineon Technologies AG MMBT3904 Datasheet HTML 8Page - Infineon Technologies AG MMBT3904 Datasheet HTML 9Page - Infineon Technologies AG MMBT3904 Datasheet HTML 10Page - Infineon Technologies AG MMBT3904 Datasheet HTML 11Page - Infineon Technologies AG MMBT3904 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2007-09-20
8
SMBT3904...MMBT3904
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
SMBT3904S
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Puls Load RthJS = ƒ (tp)
SMBT3904U
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
K/W
D=0.5
0.2
0.1
0.05
0.02
0.01
0.005
0
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
SMBT3904U
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
D=0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Delay time td = ƒ(IC)
Rise time tr = ƒ(IC)
EHP00761
10
mA
t
C
r
10
1
10
0
10
10
01
2
Ι
55
ns
r
t
t
d
,
3
10
d
t
10
2
10
3
= 3 V
CC
V
0 V
V
= 2 V
BE
40 V
15 V
h
FE = 10


Similar Part No. - MMBT3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3904 ONSEMI-MMBT3904 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
FutureWafer Tech Co.,Lt...
MMBT3904 FUTUREWAFER-MMBT3904 Datasheet
1Mb / 9P
   40V Matched Pair NPN Small Signal Transistors
05-Apr-2021 V2.0
logo
Allied Components Inter...
MMBT3904 ALLIED-MMBT3904 Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Weitron Technology
MMBT3904 WEITRON-MMBT3904 Datasheet
146Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Galaxy Semi-Conductor H...
MMBT3904 BILIN-MMBT3904 Datasheet
198Kb / 4P
   NPN SWITCHING TRANSISTOR
More results

Similar Description - MMBT3904

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
   Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
   Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com