Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA06N60C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPA06N60C3
Description  CoolMOSTM Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA06N60C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPA06N60C3_10 Datasheet HTML 1Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 2Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 3Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 4Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 5Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 6Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 7Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 8Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPA06N60C3
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
620
-
pF
Output capacitance
C oss
-
200
-
Reverse transfer capacitance
C rss
-17-
Effective output capacitance, energy
related
3)
C o(er)
-28-
Effective output capacitance, time
related
4)
C o(tr)
-47-
Turn-on delay time
t d(on)
-7
-
ns
Rise time
t r
-12-
Turn-off delay time
t d(off)
-52-
Fall time
t f
-10-
Gate Charge Characteristics
Gate to source charge
Q gs
-
3.3
-
nC
Gate to drain charge
Q gd
-12-
Gate charge total
Q g
-24
31
Gate plateau voltage
V plateau
-
5.5
-
V
4) C
o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=480 V,
V GS=10 V, I D=6.2 A,
R G=12 Ω
V DD=480 V, I D=6.2 A,
V GS=0 to 10 V
V GS=0 V, V DS=0 V
to 480 V
1) Pulse width limited by maximum temperatureT
j,max only
2) Repetitive avalanche causes additional power losses that can be calculated asP
AV=E AR*f.
3) C
o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS.
Rev. 1.3
page 3
2010-12-21


Similar Part No. - SPA06N60C3_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
logo
Inchange Semiconductor ...
SPA06N60C3 ISC-SPA06N60C3 Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA06N60C3_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI60R125CP INFINEON-IPI60R125CP Datasheet
274Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-20
IPP60R250CP INFINEON-IPP60R250CP Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2008-07-11
SPD06N60C3 INFINEON-SPD06N60C3_08 Datasheet
642Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.5 2008-04-11
IPD80R2K7C3A INFINEON-IPD80R2K7C3A Datasheet
516Kb / 10P
   CoolMOSTM Power Transistor
Final Data Sheet, Rev. 1.1 2013-11-21
SPP11N80C3 INFINEON-SPP11N80C3_11 Datasheet
490Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
SPD06N80C3 INFINEON-SPD06N80C3_13 Datasheet
631Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
SPD02N80C3 INFINEON-SPD02N80C3_13 Datasheet
381Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-28
IPP50R350CP INFINEON-IPP50R350CP_12 Datasheet
781Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.1 2012-05-08
IPW50R140CP INFINEON-IPW50R140CP Datasheet
361Kb / 10P
   CoolMOSTM Power Transistor
Rev. 1.01 2007-02-06
IPD50R399CP INFINEON-IPD50R399CP Datasheet
311Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com