Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA06N60C3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPA06N60C3
Description  CoolMOSTM Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA06N60C3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPA06N60C3_10 Datasheet HTML 1Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 2Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 3Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 4Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 5Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 6Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 7Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 8Page - Infineon Technologies AG SPA06N60C3_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPA06N60C3
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
3.92
K/W
R thJA
leaded
-
-
80
Soldering temperature
T sold
1.6 mm (0.063 in.)
from case for 10 s
-
-
260
°C
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=250 µA
600
-
-
V
Avalanche breakdown voltage
V (BR)DS
V GS=0 V, I D=6.2 A
-
700
-
Gate threshold voltage
V GS(th)
V DS=V GS, I D=0.26 mA
2.1
3
3.9
Zero gate voltage drain current
I DSS
V DS=600 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=600 V, V GS=0 V,
T j=150 °C
-
-
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
-
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=3.9 A,
T j=25 °C
-
0.68
0.75
Ω
V GS=10 V, I D=3.9 A,
T j=150 °C
-
1.82
-
Gate resistance
R G
f =1 MHz, open drain
-
1
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=3.9 A
-
5.6
-
S
Values
Thermal resistance, junction -
ambient
Rev. 1.3
page 2
2010-12-21


Similar Part No. - SPA06N60C3_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
logo
Inchange Semiconductor ...
SPA06N60C3 ISC-SPA06N60C3 Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA06N60C3_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI60R125CP INFINEON-IPI60R125CP Datasheet
274Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-20
IPP60R250CP INFINEON-IPP60R250CP Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2008-07-11
SPD06N60C3 INFINEON-SPD06N60C3_08 Datasheet
642Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.5 2008-04-11
IPD80R2K7C3A INFINEON-IPD80R2K7C3A Datasheet
516Kb / 10P
   CoolMOSTM Power Transistor
Final Data Sheet, Rev. 1.1 2013-11-21
SPP11N80C3 INFINEON-SPP11N80C3_11 Datasheet
490Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
SPD06N80C3 INFINEON-SPD06N80C3_13 Datasheet
631Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-27
SPD02N80C3 INFINEON-SPD02N80C3_13 Datasheet
381Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.91 2011-09-28
IPP50R350CP INFINEON-IPP50R350CP_12 Datasheet
781Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.1 2012-05-08
IPW50R140CP INFINEON-IPW50R140CP Datasheet
361Kb / 10P
   CoolMOSTM Power Transistor
Rev. 1.01 2007-02-06
IPD50R399CP INFINEON-IPD50R399CP Datasheet
311Kb / 10P
   CoolMOSTM Power Transistor
Rev. 2.0 2007-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com