Electronic Components Datasheet Search |
|
SPA06N60C3 Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
SPA06N60C3 Datasheet(HTML) 3 Page - Infineon Technologies AG |
3 / 11 page SPA06N60C3 Parameter Symbol Conditions Unit min. typ. max. Dynamic characteristics Input capacitance C iss - 620 - pF Output capacitance C oss - 200 - Reverse transfer capacitance C rss -17- Effective output capacitance, energy related 3) C o(er) -28- Effective output capacitance, time related 4) C o(tr) -47- Turn-on delay time t d(on) -7 - ns Rise time t r -12- Turn-off delay time t d(off) -52- Fall time t f -10- Gate Charge Characteristics Gate to source charge Q gs - 3.3 - nC Gate to drain charge Q gd -12- Gate charge total Q g -24 31 Gate plateau voltage V plateau - 5.5 - V 4) C o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS. Values V GS=0 V, V DS=25 V, f =1 MHz V DD=480 V, V GS=10 V, I D=6.2 A, R G=12 Ω V DD=480 V, I D=6.2 A, V GS=0 to 10 V V GS=0 V, V DS=0 V to 480 V 1) Pulse width limited by maximum temperatureT j,max only 2) Repetitive avalanche causes additional power losses that can be calculated asP AV=E AR*f. 3) C o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS. Rev. 1.3 page 3 2010-12-21 |
Similar Part No. - SPA06N60C3 |
|
Similar Description - SPA06N60C3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |