Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB03N60S5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPB03N60S5
Description  Cool MOS Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB03N60S5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SPB03N60S5 Datasheet HTML 2Page - Infineon Technologies AG SPB03N60S5 Datasheet HTML 3Page - Infineon Technologies AG SPB03N60S5 Datasheet HTML 4Page - Infineon Technologies AG SPB03N60S5 Datasheet HTML 5Page - Infineon Technologies AG SPB03N60S5 Datasheet HTML 6Page - Infineon Technologies AG SPB03N60S5 Datasheet HTML 7Page - Infineon Technologies AG SPB03N60S5 Datasheet HTML 8Page - Infineon Technologies AG SPB03N60S5 Datasheet HTML 9Page - Infineon Technologies AG SPB03N60S5 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
200
7-02-14
Rev. 2.
4
Page 6
SPB03N60S5
5 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 2 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
1
2
3
4
5
6
8
SPP03N60S5
typ
98%
6 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
4
8
12
V
20
VGS
0
1
2
3
4
5
6
A
8
7 Typ. gate charge
VGS = f (QGate)
parameter: ID = 3.2 A pulsed
0
2
4
6
8
10
12
14
16 nC 19
QGate
0
2
4
6
8
10
12
V
16
SPP03N60S5
0.2 V
DS max
0.8 V
DS max
8 Forward characteristics of body diode
IF = f (VSD)
parameter: Tj , tp = 10 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-2
10
-1
10
0
10
1
10
A
SPP03N60S5
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)


Similar Part No. - SPB03N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB03N60S5 INFINEON-SPB03N60S5 Datasheet
308Kb / 10P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPB03N60S5 INFINEON-SPB03N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2003-10-06
logo
Diodes Incorporated
SPB03N60S5 DIODES-SPB03N60S5 Datasheet
552Kb / 12P
   High Power Factor LED Replacement T8 Fluorescent Tube
SPB03N60S5 DIODES-SPB03N60S5 Datasheet
227Kb / 8P
   AL9910EV4 Evaluation board connection diagram
SPB03N60S5 DIODES-SPB03N60S5 Datasheet
226Kb / 8P
   PWM high-efficiency LED driver control IC
More results

Similar Description - SPB03N60S5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com