Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB04N60C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPB04N60C3
Description  Cool MOS Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB04N60C3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPB04N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPB04N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPB04N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPB04N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPB04N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPB04N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPB04N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPB04N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPB04N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
7 02 14
Rev. 2.
5
VDS
Tjmax
G
G
TC
TC
tp
Tjmax
VDD
Tjmax
VDD
EAR
Tjmax
Gate source voltage static
VGS
VGS
±
Power dissipation, TC = 25°C
Ptot
Reverse diode dv/dt
dv/dt
15
V/ns
7)


Similar Part No. - SPB04N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB04N60C3 INFINEON-SPB04N60C3 Datasheet
304Kb / 14P
   Cool MOS Power Transistor
2003-10-02
logo
Inchange Semiconductor ...
SPB04N60C3 ISC-SPB04N60C3 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPB04N60C3 VBSEMI-SPB04N60C3 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - SPB04N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com