Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD50P03LG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPD50P03LG
Description  OptiMOS-P Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD50P03LG Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPD50P03LG Datasheet HTML 1Page - Infineon Technologies AG SPD50P03LG Datasheet HTML 2Page - Infineon Technologies AG SPD50P03LG Datasheet HTML 3Page - Infineon Technologies AG SPD50P03LG Datasheet HTML 4Page - Infineon Technologies AG SPD50P03LG Datasheet HTML 5Page - Infineon Technologies AG SPD50P03LG Datasheet HTML 6Page - Infineon Technologies AG SPD50P03LG Datasheet HTML 7Page - Infineon Technologies AG SPD50P03LG Datasheet HTML 8Page - Infineon Technologies AG SPD50P03LG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SPD50P03L G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
1
K/W
R thJA
minimal footprint
-
-
75
6 cm
2 cooling area2)
--
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=-250 µA
-30
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS,
I D=-250 µA
-1
-1.5
-2
Zero gate voltage drain current
I DSS
V DS=-30 V, V GS=0 V,
T j=25 °C
-
-0.1
-1
µA
V DS=-30 V, V GS=0 V,
T j=175 °C
-
-10
-100
Gate-source leakage current
I GSS
V GS=-20 V, V DS=0 V
-
-10
-100
nA
Drain-source on-state resistance
R DS(on)
V GS=-4.5 V,
I D=-30 A
-
8.5
12.5
mΩ
Drain-source on-state resistance
R DS(on)
V GS=-10 V, I D=-50 A
-
5.7
7.0
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=-50 A
47
94
-
S
1) Current is limited by bondwire; with anR
thJC=1 K/W the chip is able to carry 123 A.
Values
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Thermal resistance,
junction - ambient
Rev. 1.
8
page 2
200
8-07-10


Similar Part No. - SPD50P03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD50P03LG INFINEON-SPD50P03LG Datasheet
391Kb / 9P
   OptiMOS짰-P Power-Transistor
Rev. 1.9 2012-09-13
logo
VBsemi Electronics Co.,...
SPD50P03LG VBSEMI-SPD50P03LG Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
Infineon Technologies A...
SPD50P03LG INFINEON-SPD50P03LG_12 Datasheet
391Kb / 9P
   OptiMOS짰-P Power-Transistor
Rev. 1.9 2012-09-13
More results

Similar Description - SPD50P03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD50P03L INFINEON-SPD50P03L Datasheet
77Kb / 8P
   OptiMOS-P Power - Transistor
2001-12-06
BSC080P03LSG INFINEON-BSC080P03LSG Datasheet
311Kb / 9P
   OptiMOS??P Power-Transistor
Rev. 1.04 2010-05-04
BSO203SPH INFINEON-BSO203SPH Datasheet
303Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.31 2010-02-10
IPP80P03P3L-04 INFINEON-IPP80P03P3L-04 Datasheet
226Kb / 4P
   OptiMOS-P Power-Transistor
2004-03-04
BSO301SPH INFINEON-BSO301SPH Datasheet
331Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.32 2010-05-12
BSO201SPH INFINEON-BSO201SPH Datasheet
319Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.32 2009-12-21
BSO203PH INFINEON-BSO203PH Datasheet
321Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.31 2010-02-15
BSO303SPH INFINEON-BSO303SPH Datasheet
338Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.1 2010-05-12
BSO211PH INFINEON-BSO211PH Datasheet
321Kb / 9P
   OptiMOS P-Power-Transistor
Rev.1.3 2010-02-10
BSC130P03LSG INFINEON-BSC130P03LSG Datasheet
311Kb / 9P
   OptiMOS??P Power-Transistor
Rev. 1.04 2010-05-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com