Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPT7076 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPT7076
Description  Token Ring Transceiver Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7076 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPT7076_99 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPT7076_99 Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Impedance
(
Ω)
[Xmit/Rcv]
Insertion Loss
(dB)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
1-16
MHz
1-30
MHz
30-100
MHz
100-200
MHz
Crosstalk
(dB Min.)
1-30
MHz
200-300
MHz
32
MHz
36
MHz
1-6
MHz
6-17
MHz
17-25
MHz
Electrical Parameters @ 25° C
Token Ring Transceiver Module
CST7076a
Rev. B1
1/19/99
• Optimized for voltage source driving into 150 ohms •
• Enhanced Common Mode performance over UTP •
• Robust construction allows for solder reflow processes •
• Complies with or exceeds IEEE 802.5 Requirements •
Schematic
Package
EPT7076
44
MHz
-12
-18
-8
-50
-38
Xmit
Rcv Xmit
Rcv Xmit
Rcv Xmit Rcv Xmit Rcv Xmit
Rcv
-35
-30
-.8
Xmit Rcv
-.6
-7
Xmit Rcv
-1
-20
-25
Xmit Rcv
-3
-23
-10
-40
-35
-30
100
Cable Side
Xmit
Rcv
-20
-20
-30
Xmit Rcv
-3
E L E C T R O N I C S I N C .
150
Chip Side
1.090
.260
.380
---
.010
---
---
.016
.008
---
.130
---
1.110
.280
.400
---
.030
---
---
.022
.012
---
.150
---
27.69
6.60
9.65
---
.254
---
---
.406
.203
---
3.30
---
28.19
7.11
10.16
---
.762
---
---
.559
.305
---
3.81
---
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
Dim.
Min.
Max.
Nom.
(Inches)
(Millimeters)
Min.
Max.
Nom.
1.100
.270
.390
.950
.020
.050
.135
.020
.010
.075
.140
.100
27.94
6.85
9.91
24.13
.508
1.27
3.43
.508
.254
1.91
3.56
2.54
K
A
E
C
I
PCA
EPT7076
Date Code
G
B
Pin 1 I.D.
J
L
D
H
F
LPF
FIN 1
FINL 2
5 FOUT
4 FOUT
FGND 3
TX1+ 9
TX1- 10
19 TXOUTL
20 TXOUT
TXCT 11
15 RPHB
RX0+ 6
RX0- 7
150
14 RPHA
18 RXIN
17 RXINL
RXCT 8
12 TPHB
13 TPHA
150
100
100
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
150
150
Max.
Max.
Min.
Max.
Min.
Max.
Min.
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - EPT7076_99

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7076 PCA-EPT7076 Datasheet
39Kb / 2P
   Token Ring Transceiver Module
More results

Similar Description - EPT7076_99

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
   Token Ring Transceiver Module
EPT7075 PCA-EPT7075 Datasheet
35Kb / 1P
   Token Ring Transceiver Module
EPT7074G PCA-EPT7074G Datasheet
31Kb / 1P
   Token Ring Transceiver Module
EPT7084G PCA-EPT7084G_99 Datasheet
49Kb / 1P
   Token Ring Transceiver Module
EPT7076 PCA-EPT7076 Datasheet
39Kb / 2P
   Token Ring Transceiver Module
EPT7063G PCA-EPT7063G_99 Datasheet
49Kb / 1P
   Token Ring Transceiver Module
EPT7082S PCA-EPT7082S Datasheet
30Kb / 1P
   Token Ring Transceiver Module
EPT7084G PCA-EPT7084G Datasheet
38Kb / 2P
   Token Ring Transceiver Module
EPT7045GM PCA-EPT7045GM Datasheet
70Kb / 2P
   Token Ring Transceiver Module
EPT7072S PCA-EPT7072S Datasheet
26Kb / 1P
   Token Ring Transceiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com