Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T348N Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # T348N
Description  Netz-Thyristor Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T348N Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button T348N Datasheet HTML 2Page - Infineon Technologies AG T348N Datasheet HTML 3Page - Infineon Technologies AG T348N Datasheet HTML 4Page - Infineon Technologies AG T348N Datasheet HTML 5Page - Infineon Technologies AG T348N Datasheet HTML 6Page - Infineon Technologies AG T348N Datasheet HTML 7Page - Infineon Technologies AG T348N Datasheet HTML 8Page - Infineon Technologies AG T348N Datasheet HTML 9Page - Infineon Technologies AG T348N Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T348N
A 513 MT3 / 15.07.87, K.-A. Rüther
A 23/87
9/10
Seite/page
0-50V
0,33 VRRM
0,67 VRRM
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
12
345678
9
10
11
12
13
14
15
16
17
Anzahl Pulse bei 50Hz Sinus Halbwellen
Number of pulses for 50Hz sinusoidal half waves
Typische Abhängigkeit des Grenzstromes IT(OV)M von der Anzahl für eine Folge von Sinus
Halbwellen bei 50Hz. Parameter: Rückwärtsspannung VRM
Typical dependency of maximum overload on-state current IT(OV)M as a number of a sequence of
sinusoidal half waves at 50Hz. Parameter: peak reverse voltage VRM
IT(OV)M = f (pulses, VRM) ; Tvj = Tvjmax


Similar Part No. - T348N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T348N ETC-T348N Datasheet
1Mb / 3P
   PHASE CONTROL THYRISTORS
More results

Similar Description - T348N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T388N INFINEON-T388N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T390N INFINEON-T390N Datasheet
246Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-11-30 revision:3.1
T398N INFINEON-T398N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T930S INFINEON-T930S Datasheet
221Kb / 6P
   Netz-Thyristor Phase Control Thyristor
2008-09-15 revision:3.0
T1040N INFINEON-T1040N Datasheet
291Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1.0
T1190N INFINEON-T1190N Datasheet
289Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2008-09-18 revision:2.0
T1410N INFINEON-T1410N Datasheet
248Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-09-02 revision:3.2
T1590N INFINEON-T1590N Datasheet
293Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-11 revision:2.0
T1960N INFINEON-T1960N Datasheet
297Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-12 revision:2.0
T2563NH INFINEON-T2563NH Datasheet
288Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2011-05-02 Revision: 11.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com