Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T720N Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # T720N
Description  Netz-Thyristor Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T720N Datasheet(HTML) 4 Page - Infineon Technologies AG

  T720N Datasheet HTML 1Page - Infineon Technologies AG T720N Datasheet HTML 2Page - Infineon Technologies AG T720N Datasheet HTML 3Page - Infineon Technologies AG T720N Datasheet HTML 4Page - Infineon Technologies AG T720N Datasheet HTML 5Page - Infineon Technologies AG T720N Datasheet HTML 6Page - Infineon Technologies AG T720N Datasheet HTML 7Page - Infineon Technologies AG T720N Datasheet HTML 8Page - Infineon Technologies AG T720N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T720N
IFBIP D AEC / 2008-10-13, H.Sandmann
A 56/08
4/10
Seite/page
R,t – Werte
Diagramme
Diagramme
Trans. Wärmewid. beidseitig
Analytische Elemente des transienten Wärmewiderstandes Z thJC für DC
Analytical elements of transient thermal impedance Z thJC for DC
Kühlung /
Cooling
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W]
0,00017
0,00338
0,00429
0,01355
0,01461
-
-
beidseitig
two-sided
τ
n [s]
0,00027
0,00261
0,04170
0,17300
0,99900
-
-
Rthn [°C/W]
0,00022
0,00368
0,00407
0,01813
0,0389
-
-
anodenseitig
anode-sided
τ
n [s]
0,00033
0,00260
0,02970
0,18200
5,8300
-
-
Rthn [°C/W]
0,00022
0,00305
0,00216
0,01625
0,00482
0,0535
-
kathodenseitig
cathode-sided
τ
n [s]
0,00033
0,00254
0,01790
0,14600
0,01355
6,8200
-
Analytische Funktion / Analytical function:
Σ
=
τ
max
n
n=1
thn
thJC
n
-t
e
1
R
Z
b
a
c
0,00
0,01
0,02
0,03
0,04
0,05
0,06
0,07
0,08
0,09
0,001
0,01
0,1
1
10
100
t [s]
Transienter innerer Wärmewiderstand für DC / Transient thermal impedance for DC
Z thJC = f(t)
a - Anodenseitige Kühlung / Anode-sided cooling
b - Beidseitige Kühlung / Two-sided cooling
c - Kathodenseitige Kühlung / Cathode-sided cooling


Similar Part No. - T720N

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T720 POWEREX-T720 Datasheet
720Kb / 4P
   Phase Control SCR (450-550 Amperes 2400 Volts)
logo
Intel Corporation
T7200 INTEL-T7200 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Powerex Power Semicondu...
T7200135 POWEREX-T7200135 Datasheet
238Kb / 6P
   Phase Control SCR (350-550 Amperes Avg 100-2200 Volts)
T7200245 POWEREX-T7200245 Datasheet
720Kb / 4P
   Phase Control SCR (450-550 Amperes 2400 Volts)
T7200245 POWEREX-T7200245 Datasheet
736Kb / 4P
   Phase Control SCR
More results

Similar Description - T720N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T388N INFINEON-T388N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T390N INFINEON-T390N Datasheet
246Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-11-30 revision:3.1
T398N INFINEON-T398N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T930S INFINEON-T930S Datasheet
221Kb / 6P
   Netz-Thyristor Phase Control Thyristor
2008-09-15 revision:3.0
T1040N INFINEON-T1040N Datasheet
291Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1.0
T1190N INFINEON-T1190N Datasheet
289Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2008-09-18 revision:2.0
T1410N INFINEON-T1410N Datasheet
248Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-09-02 revision:3.2
T1590N INFINEON-T1590N Datasheet
293Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-11 revision:2.0
T1960N INFINEON-T1960N Datasheet
297Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-12 revision:2.0
T2563NH INFINEON-T2563NH Datasheet
288Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2011-05-02 Revision: 11.0
T348N INFINEON-T348N Datasheet
270Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision: 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com