Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1-1N2S-10 Datasheet(PDF) 7 Page - Superworld Electronics

Part # C1-1N2S-10
Description  CERAMIC CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C1-1N2S-10 Datasheet(HTML) 7 Page - Superworld Electronics

  C1-1N2S-10 Datasheet HTML 1Page - Superworld Electronics C1-1N2S-10 Datasheet HTML 2Page - Superworld Electronics C1-1N2S-10 Datasheet HTML 3Page - Superworld Electronics C1-1N2S-10 Datasheet HTML 4Page - Superworld Electronics C1-1N2S-10 Datasheet HTML 5Page - Superworld Electronics C1-1N2S-10 Datasheet HTML 6Page - Superworld Electronics C1-1N2S-10 Datasheet HTML 7Page - Superworld Electronics C1-1N2S-10 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
04.06.2009
CERAMIC CHIP INDUCTORS
C1 SERIES
8-1. Paper Carrier Tape Packaging
8. PACKAGING INFORMATION :
D0(mm)
P0(mm)
P1(mm)
E(mm)
P2(mm)
W(mm)
B(mm)
A(mm)
F(mm)
1.75±0.10
1.12±0.05
0.62±0.05
8.00±0.10 3.50±0.05
2.00±0.05
4.00±0.10
4.00±0.10
t(mm)
0.6±0.05
1.55±0.05
Unreeling direction
P2
P1
A
D0
P0
T
400 ~ 560mm
20 Max.
W2(mm)
R1.0
W2
2±0.5
13.0
±0.5
8-3. Configuration
W1
50 Min.
N(mm)
A(mm)
178±2.0
10±1.5
W1(mm)
10,000/Reel
QTY (PCS)
Empty compartments
Components
Trailer
110mm or more
End
8-2. Leader And Trailer Tape
20 pitch or more
Leader
Start


Similar Part No. - C1-1N2S-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C1-1N2S-10 SUPERWORLD-C1-1N2S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C1-1N2S-10 SEMIKRON-C1-1N2S-10 Datasheet
225Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1-1N2S-10 SUPERWORLD-C1-1N2S-10 Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C1-1N2S-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com