Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1-3N3S-10 Datasheet(PDF) 4 Page - Superworld Electronics

Part # C1-3N3S-10
Description  CERAMIC CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C1-3N3S-10 Datasheet(HTML) 4 Page - Superworld Electronics

  C1-3N3S-10 Datasheet HTML 1Page - Superworld Electronics C1-3N3S-10 Datasheet HTML 2Page - Superworld Electronics C1-3N3S-10 Datasheet HTML 3Page - Superworld Electronics C1-3N3S-10 Datasheet HTML 4Page - Superworld Electronics C1-3N3S-10 Datasheet HTML 5Page - Superworld Electronics C1-3N3S-10 Datasheet HTML 6Page - Superworld Electronics C1-3N3S-10 Datasheet HTML 7Page - Superworld Electronics C1-3N3S-10 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
04.06.2009
CERAMIC CHIP INDUCTORS
C1 SERIES
6. RELIABILITY & TEST CONDITION :
Inductance : Within ±20% of initial value.
Step2 : Room temperature 2 to 5 minutes
ambient temperature
Measurement : After placing for 24 hours (min.) at room
Step4 : Room temperature 2 to 5 minutes
Step3 : +85±2°C 30±3 min.
Number of cycles : 100
45
45
Electrical and mechanical characteristics shall
Consult standard J-STD-002
Consult standard MIL-STD-202
Appearance : No significant abnormality
Appearance : No mechanical damage.
Inductance : Within ±20% of initial value.
Appearance : No mechanical damage.
Inductance : Within ±20% of initial value.
More than 95% coverage of all metabolised area
Appearance : No mechanical damage.
Temperature Cycle
High Temperature
Humidity Resistance
Resistance
Solderability
METHOD 210
be satisfied
Resistance to Solder
Heat
Dip Time : 3±1sec.
Applied Current : rated current (max. value)
Applied Current : rated current (max. value)
ambient temperature
Measurement : After placing for 24 hours (min.) at room
ambient temperature
Measurement : After placing for 24 hours (min.) at room
Temperature : 60±2°C
Duration : 1008±12hrs
Condition for 1 cycle
Step1 : -40±3°C 30±3 min.
Duration : 1008±12hrs
Temperature : 85±2°C
Humidity : 90~95% RH.
Measurement to be made after keeping at room temp
Solder : Sn-Ag3.0-Cu0.5
Dip Time : 6±1sec.
for 24±2hrs
Solder Temperature : 265±3°C
Solder Temperature : 240±5°C
Solder : Sn-Ag3.0-Cu0.5
Preheat : 100 ~ 150°C, 60sec.
100
unit : mm
PERFORMANCE
DCR : Shall be satisfied
Appearance : No significant abnormality
Appearance : No significant abnormality
Impedance change : Within ±30%
DCR : Shall be satisfied
Inductance change : Within ±20%
Substrate Bending
Strength
Terminal Strength
DC Resistance
ITEM
Soldering shall be done in accordance with the
by 3mm hold for 10s and then return.
recommended PC board pattern and reflow soldering
Solder a chip on a test substrate, bend the substrate
Solder chip on PCB and applied 10N (1.02Kgf) for 10sec
HP4338 digital milli-ohm meter
TEST CONDITION


Similar Part No. - C1-3N3S-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C1-3N3S-10 SUPERWORLD-C1-3N3S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C1-3N3S-10 SEMIKRON-C1-3N3S-10 Datasheet
225Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1-3N3S-10 SUPERWORLD-C1-3N3S-10 Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C1-3N3S-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com