Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3-2N7S-10 Datasheet(PDF) 8 Page - Superworld Electronics

Part # C3-2N7S-10
Description  CERAMIC CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C3-2N7S-10 Datasheet(HTML) 8 Page - Superworld Electronics

  C3-2N7S-10 Datasheet HTML 1Page - Superworld Electronics C3-2N7S-10 Datasheet HTML 2Page - Superworld Electronics C3-2N7S-10 Datasheet HTML 3Page - Superworld Electronics C3-2N7S-10 Datasheet HTML 4Page - Superworld Electronics C3-2N7S-10 Datasheet HTML 5Page - Superworld Electronics C3-2N7S-10 Datasheet HTML 6Page - Superworld Electronics C3-2N7S-10 Datasheet HTML 7Page - Superworld Electronics C3-2N7S-10 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 8
04.06.2009
CERAMIC CHIP INDUCTORS
C3 SERIES
2. Transportation :
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) Recommended products should be used within 6 months from the time of delivery.
a) Temperature and humidity conditions : Less than 40°C and 70% RH.
8-5. Packaging
3. Maximum of 6 inner boxes shall be packed in an outer box
2. Maximum of 5 bags shall be packed in an inner box
1. Reel and a bag of desiccant shall be packed in Nylon or plastic bag
Application Notice
1. Storage Conditions :
To maintain the solderabililty of terminal electrodes :
8-4. Tearing Off Force
Peel Speed : 300mm/min
Top cover tape
Base tape
F
165° to 180°
10g ~ 100g
Cover Tape
Peeling Strength of Cover Tape


Similar Part No. - C3-2N7S-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C3-2N7S-10 SUPERWORLD-C3-2N7S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C3-2N7S-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com