Electronic Components Datasheet Search |
|
C3-5N6S-10 Datasheet(PDF) 6 Page - Superworld Electronics |
|
C3-5N6S-10 Datasheet(HTML) 6 Page - Superworld Electronics |
6 / 8 page NOTE : Specifications subject to change without notice. Please check our website for latest information. SUPERWORLD ELECTRONICS (S) PTE LTD PG. 6 04.06.2009 CERAMIC CHIP INDUCTORS C3 SERIES C D temperature A B b) 280°C tip temperature (max) c) Never contact the ceramic with the iron tip a) Preheat circuit and products to 150°C. Accordingly increasing the solder volume, the mechanical stress to product is also increased. Exceeding solder volume may cause the failure of mechanical or electrical performance. Solder shall be used not to be exceed as shown in right side. 7-3. Solder Volume : 7-2. Soldering Iron a soldering iron must be employed the following precautions are recommended. Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that Note : e) Use a 30 watt max. soldering iron with tip diameter of 3.0mm f) Limit soldering time to 3 secs. Upper limit Recommendable d) 3.0mm tip diameter (max) TIME(sec.) (Melting area of solder) 255 ~ 260 No. of mounting Peak temperature Peak hold time E times 3 sec °C 10 max. main heating pre-heating normal 230°C Insufficient pre-heating may cause cracks on the ferrite, resulting in the deterioration of product quality. Also cooling into the solvent after soldering should be in such a way that the temperature difference is limited to 100°C max. Pre-heating should be in such a way that the temperature difference between solder and ferrite surface is limited to 150°C max. Products should be soldered within the following allowable range indicated by the slanted line. The excessive soldering conditions 7-1. Reflow soldering conditions may cause the corrosion of the electrode. When soldering is repeated, allowable time is the accumulated time. 7. SOLDERING : 180°C 120°C E °C/sec A Slope of temp. rise 1 to 5 50 to 150 120 to 180 90 ~ 120 Heat temperature Slope of temp. rise Time over 230°C C D Heat time B °C °C/sec sec 1 to 5 sec |
Similar Part No. - C3-5N6S-10 |
|
Similar Description - C3-5N6S-10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |