Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE6.8A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 1.5KE6.8A
Description  1.5KE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1.5KE6.8A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  1.5KE6.8A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1.5KE6.8A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 1.5KE6.8A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.5KE SERIES
Voltage 6.8V ~ 440V
1500W Peak Power / 5.0W Steady State
1500W Peak Power TVS
Elektronische Bauelemente
06-Sep-2010 Rev. C
Page 1 of 3
RoHS compliant
A suffix of "-C" specifies halogen & lead-free
FEATURES
1500 Watts Surge Capability at 1ms.
Excellent clamping capability.
Low zener impedance.
Fast response time:Typically less than
1.0ps from 0 volt to BV min.
Typical IR less than 1 A above 10 V
High temperature soldering guaranteed:
260°C / 10 seconds / .375” (9.5mm) lead
length, 5lbs.(2.3kg) tension.
MECHANICAL DATA
Case::Molded plastic.
Epoxy:UL 94V-0 rate flame retardant.
Lead:Axial leads, solderable per MIL-STD-202,
method 208 guaranteed.
Polarity:Color band denotes cathode end
Mounting position:Any
Weight:1.20 grams (Approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz. resistive or inductive load.
For capacitive load, derate current by 20%.
CHARACTERISTIC
SYMBOL
VALUE
UNITS
Peak Power Disipation at TA=25°C, TP=1ms
(1)
PPK
Minimum 1500
W
Steady State Power Dissipation at TL=75°C
Lead Length .375” (9.5mm)
(2)
PD
6.5
W
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave superimposed on rated load
(JEDEC method)
(3)
IFSM
200.0
A
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1.
Non-repetitive current pulse per Fig. 3 and derated above TA=25°C per Fig. 2.
2.
Mounted on Copper Pad area of 0.8” X 0.8” (20mm X 20mm) per Fig. 5.
3.
8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1.
For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru 1.5KE440.
2.
Electrical characteristics apply in both directions.
A
C
B
A
D
DO-201
REF.
Millimeter
Min.
Max.
A
27.2
27.8
B
7.40
7.60
C
4.40
4.60
D
1.15
1.25


Similar Part No. - 1.5KE6.8A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
1.5KE6.8A MIC-1.5KE6.8A Datasheet
95Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1.5KE6.8A NJSEMI-1.5KE6.8A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8A NJSEMI-1.5KE6.8A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
1.5KE6.8A SAMYANG-1.5KE6.8A Datasheet
1Mb / 6P
   Transient Voltage Suppressor Diodes
logo
Transys Electronics
1.5KE6.8A TRSYS-1.5KE6.8A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE6.8A

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
1.5KE YINT-1.5KE Datasheet
682Kb / 5P
   1.5KE Transient Voltage Suppressor Diode Series
logo
RFE international
P4KE75A RFE-P4KE75A Datasheet
89Kb / 1P
   LEADED (THRU-HOLE) TVS DIODE: P4KE, P6KE, 1.5KE
P4KE12AR RFE-P4KE12AR Datasheet
61Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSOR DIODE P4KE, SA, P6KE, 1.5KE, 5KP; 400W to 5000W PPK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com