Selected language     English  β–Ό


TDA4862 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part No. TDA4862
Description  Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 9 page
background image
TDA 4862
9
200
5-02-17
Operating Range
Absolute Maximum Ratings
Parameter
Symbol Limit Values Unit
Notes
min.
max.
Supply voltage at
V
CC
Pin 8
supply + Z-current
V
CC-GND
Pin 8
Current into
GTDRV
Pin 7
Clamping current into GTDRV
Pin 7
Clamping current into GTDRV
Pin 7
V
CC
I
CCZ
I
GTDRV
I
GTDCH
I
GTDCL
–0.3
0
– 400
–
– 100
–
70
500
100
–
V
mA
mA
mA
mA
–
observe
P
max
observe
P
max
V
GTDRV > VCC
V
GTDRV < – 0.3 V
Voltage at
V
SENSE
Pin 1
Voltage at
V
AOUT
Pin 2
Voltage at
MULTIN
Pin 3
Voltage at
I
SENSE
Pin 4
Current into
DETIN
Pin 5
Current into
DETIN
Pin 5
V
VSENSE
V
VAOUT
V
MULTIN
V
ISENSE
I
DETINH
I
DETINL
–0.3
–0.3
–0.3
–10
–
–10
17
6
17
17
50
–
V
V
V
V
mA
mA
–
–
–
–
V
DETIN >6 V
V
DETIN <0.9 V
Junction temperature
T
j
–40
150
Β°C–
Storage temperature
T
stg
–50
150
Β°C–
Thermal resistance system-air
TDA 4862
TDA 4862 G
R
thSA
R
thSA
–
–
100
180
K/W
K/W
P
G-DIP-8-1
P
G-DSO-8-1
Parameter
Symbol Limit Values Unit
Notes
min.
max.
Supply voltage
V
CC
V
CCON
V
Z
V
1)
1) V
CCON means VCCH has been exceeded but the supply voltage is still above VCCL. The device has switched from
standby to active. For
V
CCH and VCCL values see Electrical Characteristics. If 0 V < VCC < VCCON, the device
is in standby and output GTDRV is active low.
Z-current
I
Z
0
50
mA
observe
P
max
Junction temperature
T
j
–40
150
Β°C–
Voltage at
I
SENSE
V
ISENSE
– 5
V
Z
V–




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl