Selected language     English  β–Ό


TDA4862 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. TDA4862
Description  Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 10 page
background image
TDA 4862
10
200
5-02-17
Electrical Characteristics
Unless otherwise stated,
V
CC = 12 V, – 40
Β°C < T
j < 150
Β°C.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Overall
Supply current, OFF
I
CCL
–
75
200
Β΅A0 V < V
CC < VCCH
Supply current, ON
I
CCH
–
4
6
mA
Output low
Supply current, dynamic
I
CCDY
–4.2
8
mA
f
DETIN = 50 kHz,
C
GTDRV = 1 nF
V
CC turn-ON threshold
V
CCH
–
11
11.5
V
–
V
CC turn-OFF threshold
V
CCL
8.0
8.5
–
V
–
V
CC turn-ON/OFF
hysteresis
V
CCHY
1.8
2.3
3.0
V
–
V
CC clamp
V
Z
15
17
19
V
I
CCZ = 50 mA
Voltage Amplifier
Voltage feedback
threshold
V
FB
2.465
2.5
2.53
5
V
T
j = 25
Β°C,
Pin 1 to Pin 2
Voltage feedback
threshold
V
FB
2.45
–
2.55
V
Pin 1 to Pin 2
Line regulation
βˆ†V
FBL
––
5
mV
V
CC = 10 V to 15 V
Input bias current
I
BVSENSE
–1
–
–
Β΅A–
Open loop voltage gain1)
G
V
–80
–
dB
–
Unity gain bandwidth1)
B
W
–0.8
–
MHz –
Phase margin1)
Ξ¦
M
–80
–
Degr –
Inhibit threshold voltage
V
VAOUTI
–2.2
–
V
–
Output current source
I
VAOUTH
–– 12
–
mA
V
VAOUT = 0 V,
V
VSENSE = 2.3 V
Output current sink
I
VAOUTL
–4
–
mA
V
VAOUT = 4 V,
V
VSENSE = 2.8 V
1not subject to production test - verified by characterization.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl