Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4862 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TDA4862
Description  Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4862 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TDA4862 Datasheet HTML 10Page - Infineon Technologies AG TDA4862 Datasheet HTML 11Page - Infineon Technologies AG TDA4862 Datasheet HTML 12Page - Infineon Technologies AG TDA4862 Datasheet HTML 13Page - Infineon Technologies AG TDA4862 Datasheet HTML 14Page - Infineon Technologies AG TDA4862 Datasheet HTML 15Page - Infineon Technologies AG TDA4862 Datasheet HTML 16Page - Infineon Technologies AG TDA4862 Datasheet HTML 17Page - Infineon Technologies AG TDA4862 Datasheet HTML 18Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TDA 4862
Semiconductor Group
14
200
5-02-17
Threshold Voltage Change
V
FB versus
Junction Temperature
T
j
Threshold Voltage
V
DETIN versus
Junction Temperature
T
j
Threshold Voltage
V
ISENSE versus
Regulation Current
I
RVAOUT
Current Sense Threshold
V
ISENSE versus
Multiplier Input
V
MULTIN
-50
-15
-10
-5
0
0
50
100
C
T j
mV
5
10
IED01755
V FB
150
CC
V
= 12 V
Pin 1 connected to Pin 2
-50
0
0
50
100
C
T j
150
1/V
3.00
IED01757
2.75
2.50
2.25
2.00
1.75
= 12 V
CC
V
= 1 V
MULTIN
V
= GND
VSENSE
V
= GND
ISENSE
V
DETIN
V
DETINupper
V
V DETINlow
29
0.4
0.2
0
0.6
32
31
30
0.8
1.0
1.4
RVAOUT
Ι
34
IED01756
33
µA
V CC =12 V
V
V ISENSE
150 C
25 C
-40 C
0.8
0
0.4
0.2
0
0.6
3
2
1
1.0
1.4
5
IED01758
4
V
V
V ISENSE
MULTIN
V
4.0 V
3.5 V
3.0 V
2.75 V
VAOUT
V
= 2.5 V


Similar Part No. - TDA4862

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
TDA4862G SIEMENS-TDA4862G Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
More results

Similar Description - TDA4862

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Infineon Technologies A...
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com