Selected language     English  β–Ό


TDA4862G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part No. TDA4862G
Description  Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 11 page
background image
TDA 4862
11
200
5-02-17
Output voltage swing
high state
V
VAOUTH
3.8
4.3
5.0
V
I
VAOUT = – 0.2 mA
V
VSENSE = 2.3 V
Output voltage swing
low state
V
VAOUTL
–0.9
–
V
I
VAOUT = 0.5 A
V
VSENSE = 2.8 V
Overvoltage Regulator
Regulation current
I
RVAOUT
20
30
45
Β΅A
V
VAOUT = VMULTIN
= 4 V,
V
ISENSE = 0.5 V
Current Comparator
Input bias current
I
BISENSE
–1
–
–
Β΅A–
Input offset voltage
V
ISENSEO
–25
–
mV
V
MULTIN = 0 V,
V
VAOUT = 2.4 V
Max threshold voltage
V
ISENSEM
1.05
1.25
1.5
V
–
Delay to output1)
t
PHL
–250
–
ns
–
)
Detector
Upper threshold voltage
(
V
DETIN increasing)
V
DETINU
–2.5
2.75
V
–
Lower threshold voltage
(
V
DETIN decreasing)
V
DETINL
1.5
1.9
–
V
–
Hysteresis
V
DETINHY
–0.6
–
V
–
Input current
I
BDETIN
–1
–
–
Β΅A
1.5 V <
V
DETIN
< 2.75 V
Input clamp voltage
High state
Low state
V
DETINHC
V
DETINLC
4
–
5
0.6
–
1
V
V
I
DETIN = 5 mA
I
DETIN = – 5 mA
1)not subject to production test - verified by characterization
Electrical Characteristics (cont’d)
Unless otherwise stated,
V
CC = 12 V, – 40
Β°C < T
j < 150
Β°C.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl