Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5200 Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TDA5200
Description  ASK Single Conversion Receiver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5200 Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TDA5200_10 Datasheet HTML 23Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 24Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 25Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 26Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 27Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 28Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 29Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 30Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
TDA 5200
ASK Single Conversion Receiver
Applications
Data Sheet
27
Revision 3.0, 2010-12-28
4.5
Data Slicer Threshold Generation
The threshold of the data slicer can be generated in two ways, depending on the signal coding scheme used. In
case of a signal coding scheme without DC content such as Manchester coding the threshold can be generated
using an external RC-Integrator as shown in Figure 9. The time constant
T
A of the RC-Integrator has to be
significantly larger than the longest period of no signal change
T
L within the data sequence. In order to keep
distortion low, the minimum value for
R is 20 kΩ.
Figure 9
Data Slicer Threshold Generation with External R-C Integrator
Another possibility for threshold generation is to use the peak detector in connection with two resistors and one
capacitor as shown in the following figure. The component values are depending on the coding scheme and the
protocol used.
Figure 10
Data Slicer Threshold Generation Utilizing the Peak Detector
Pins:
20
19
R
C
25
data out
Uthreshold
data slicer
data
filter
Pins:
20
19
25
data out
Uthreshold
data slicer
data
filter
26
peak detector
C
R
R


Similar Part No. - TDA5200_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
More results

Similar Description - TDA5200_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5201 INFINEON-TDA5201 Datasheet
689Kb / 43P
   ASK Single Conversion Receiver
Version 1.5 July 2004
TDA5201 INFINEON-TDA5201_10 Datasheet
1Mb / 38P
   ASK Single Conversion Receiver
Revision 1.6, 2010-12-21
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA5204E1 INFINEON-TDA5204E1 Datasheet
1Mb / 40P
   ASK Single Conversion Receiver 390MHz
Version 1.0 December 2000
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com