Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5200 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TDA5200
Description  ASK Single Conversion Receiver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5200 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TDA5200_10 Datasheet HTML 24Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 25Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 26Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 27Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 28Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 29Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 30Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 31Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
TDA 5200
ASK Single Conversion Receiver
Electrical Characteristics
Data Sheet
28
Revision 3.0, 2010-12-28
5
Electrical Characteristics
5.1
Electrical Data
5.1.1
Absolute Maximum Ratings
Attention: The maximum ratings may not be exceeded under any circumstances, not even momentarily
and individually, as permanent damage to the IC will result.
Table 6
Absolute Maximum Ratings, Ambient Temperature
T
AMB = - 40 °C ... + 85 °C
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Supply Voltage
V
CC
-0.3
5.5
V
1.1
Junction Temperature
T
j
-40
+125
°C
1.2
Storage Temperature
T
s
-40
+150
°C
1.3
Thermal Resistance
R
thJA
114
K/W
1.4
ESD HBM integrity, all pins
V
ESD
±1,5
kV
AEC Q100-002 /
JESD22-A114B
1.5
ESD SDM integrity, all pins
V
ESD
±750
V
AINSI / ESD
SP5.3.2-2008
1.6


Similar Part No. - TDA5200_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
More results

Similar Description - TDA5200_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5201 INFINEON-TDA5201 Datasheet
689Kb / 43P
   ASK Single Conversion Receiver
Version 1.5 July 2004
TDA5201 INFINEON-TDA5201_10 Datasheet
1Mb / 38P
   ASK Single Conversion Receiver
Revision 1.6, 2010-12-21
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA5204E1 INFINEON-TDA5204E1 Datasheet
1Mb / 40P
   ASK Single Conversion Receiver 390MHz
Version 1.0 December 2000
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com