Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5200 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TDA5200
Description  ASK Single Conversion Receiver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5200 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TDA5200_10 Datasheet HTML 26Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 27Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 28Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 29Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 30Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 31Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 32Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 33Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
TDA 5200
ASK Single Conversion Receiver
Electrical Characteristics
Data Sheet
30
Revision 3.0, 2010-12-28
5.1.3
AC/DC Characteristics
AC/DC characteristics involve the spread of values guaranteed within the specified voltage and ambient
temperature range. Typical characteristics are the median of the production. The device performance parameters
marked with ■ are not subject to production test. They were verified by design/characterization.
Table 8
AC/DC Characteristics with
T
AMB = 25 °C, VCC = 4.5 ... 5.5 V
Parameter
Symbol
Values
Unit
Note /
Test Condition
Test Number
Min.
Typ.
Max.
Supply Current
Supply current
standby mode
I
S PDWN
50
70
nA
Pin 27 (PDWN)
open or tied to 0 V
3.1
Supply current, device
operating at 868 MHz
I
S 868
4.8
5.2
mA
Pin 11 (FSEL) tied
to GND
3.2
Supply current, device
operating at 434 MHz
I
S 434
4.6
5
mA
Pin 11 (FSEL)
open
3.3
LNA - Signal Input LNI (PIN 3),
V
THRES > 3.3 V, High Gain Mode
Average Power Level
at BER = 2E-3
(Sensitivity)
RF
in
-110
dBm Manchester
encoded data rate
4kBit, 280kHz IF
Bandwidth
3.4
Input impedance
f
RF = 434 MHz
S
11 LNA
0.873 /
-34.7 deg
3.5
Input impedance
f
RF = 868 MHz
S
11 LNA
0.738 /
-73.5 deg
3.6
Input level @ 1 dB
compression
P1dB
LNA
-10
dBm
3.7
Input 3rd order intercept
point
f
RF = 434 MHz
IIP3
LNA
-10
dBm Matched input
3.8
Input 3rd order intercept
point
f
RF = 868 MHz
IIP3
LNA
-14
dBm Matched input
3.9
LO signal feedthrough at
antenna port
LO
LNI
-73
dBm
3.10
LNA - Signal Output LNO (PIN 6),
V
THRES > 3.3 V, High Gain Mode
Gain
f
RF = 434 MHz
S21 LNA
1.509 /
138.2 deg
3.11
Gain
f
RF = 868 MHz
S21 LNA
1.419 /
101.7 deg
3.12
Output impedance,
f
RF =434 MHz
S22 LNA
0.886 /
-12.9 deg
3.13
Output impedance,
f
RF =868 MHz
S22 LNA
0.866 /
-24.2 deg
3.14
LNA - Signal Input LNI,
V
THRES = GND, Low Gain Mode
Input impedance
f
RF =434 MHz
S
11 LNA
0.873 /
-34.7 deg
3.15


Similar Part No. - TDA5200_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
More results

Similar Description - TDA5200_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5201 INFINEON-TDA5201 Datasheet
689Kb / 43P
   ASK Single Conversion Receiver
Version 1.5 July 2004
TDA5201 INFINEON-TDA5201_10 Datasheet
1Mb / 38P
   ASK Single Conversion Receiver
Revision 1.6, 2010-12-21
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA5204E1 INFINEON-TDA5204E1 Datasheet
1Mb / 40P
   ASK Single Conversion Receiver 390MHz
Version 1.0 December 2000
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com