Electronic Components Datasheet Search |
|
TDA5200 Datasheet(PDF) 32 Page - Infineon Technologies AG |
|
TDA5200 Datasheet(HTML) 32 Page - Infineon Technologies AG |
32 / 39 page TDA 5200 ASK Single Conversion Receiver Electrical Characteristics Data Sheet 32 Revision 3.0, 2010-12-28 LNA high gain mode V THRES 3.31) V CC-1 1) V Voltage must not be higher than V CC-1 V 3.33 Current in I THRES_in 5nA ■ 3.34 AGC - Signal TAGC (PIN 4) Current out, LNA low gain state I TAGC_out 4.2 µA RSSI > V THRES 3.35 Current in, LNA high gain state I TAGC_in 1.5 µA RSSI < V THRES 3.36 MIXER - Signal Input MI/MIX (PINS 8/9) Input impedance f RF =434 MHz S 11 MIX 0.942 / -14.4 deg ■ 3.37 Input impedance f RF =868 MHz S 11 MIX 0.918 / -28.1 deg ■ 3.38 Input 3rd order intercept point f RF = 434 MHz IIP3 MIX -28 dBm ■ 3.39 Input 3rd order intercept point f RF = 868 MHz IIP3 MIX -26 dBm ■ 3.40 MIXER - Signal Output IFO (PIN 12) Output impedance Z IFO 330 Ω 3.41 Conversion Voltage Gain f RF =434 MHz G MIX +19 dB 3.42 Conversion Voltage Gain f RF =868 MHz G MIX +18 dB 3.43 LIMITER - Signal Input LIM/LIMX (PINS 17/18) Input Impedance Z LIM 264 330 396 Ω ■ 3.44 RSSI dynamic range DR RSSI 60 80 dB 3.45 RSSI linearity LIN RSSI ±1 dB ■ 3.46 Operating frequency (3 dB points) f LIM 5 10.7 23 MHz ■ 3.47 DATA FILTER Useable bandwidth BW BB FILT 100 kHz ■ 3.48 RSSI Level at Data Filter Output SLP RSSI low 1.1 V LNA in high gain RF IN = -103 dBm 868 MHz 3.49 RSSI Level at Data Filter Output SLP RSSI high 2.65 V LNA in high gain RF IN =-30 dBm 868 MHz 3.50 SLICER - Signal Output DATA (PIN 25) Useable bandwidth BW BB SLIC 100 kHz ■ 3.51 Table 8 AC/DC Characteristics with T AMB = 25 °C, VCC = 4.5 ... 5.5 V (cont’d) Parameter Symbol Values Unit Note / Test Condition Test Number Min. Typ. Max. |
Similar Part No. - TDA5200_10 |
|
Similar Description - TDA5200_10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |