Selected language     English  ▼


TDA5200_10 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part No. TDA5200_10
Description  ASK Single Conversion Receiver
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 8 page
background image
TDA 5200
ASK Single Conversion Receiver
Product Description
Data Sheet
8
Revision 3.0, 2010-12-28
2
Product Description
2.1
Overview
The IC is a very low power consumption single chip ASK Superheterodyne Receiver (SHR) for the frequency
bands 868-870 MHz and 433-435 MHz. The IC offers a high level of integration and needs only a few external
components. The device contains a low noise amplifier (LNA), a double balanced mixer, a fully integrated VCO, a
PLL synthesizer, a crystal oscillator, a limiter with RSSI generator, a data filter, a data comparator (slicer) and a
peak detector. Additionally there is a power down feature to save battery life.
2.2
Application
Keyless Entry Systems
Remote Control Systems
Alarm Systems
Low Bitrate Communication Systems
2.3
Features
Low supply current (
I
s = 4.8 mA typ. at 868 MHz, Is = 4.6 mA typ. at 434 MHz)
Supply voltage range 5 V ±10 %
Power down mode with very low supply current (100 nA typ.)
Fully integrated VCO and PLL Synthesizer
RF input sensitivity < – 107 dBm
Selectable receive frequency bands 868-870 MHz and 433-435 MHz
Selectable reference frequency
Limiter with RSSI generation, operating at 10.7 MHz
•2nd order low pass data filter with external capacitors
Data slicer with self-adjusting threshold




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl