Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5200 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TDA5200
Description  ASK Single Conversion Receiver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5200 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TDA5200_10 Datasheet HTML 16Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 17Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 18Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 19Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 20Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 21Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 22Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 23Page - Infineon Technologies AG TDA5200_10 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
TDA 5200
ASK Single Conversion Receiver
Functional Description
Data Sheet
20
Revision 3.0, 2010-12-28
3.4.4
Crystal Oscillator
The on-chip crystal oscillator circuitry allows for utilization of quartzes both in the 6 MHz and 13 MHz range as the
overall division ratio of the PLL can be switched between 64 and 128 via the CSEL (Pin 16) pin according to the
following table.
The calculation of the value of the necessary quartz load capacitance is shown in Chapter 4.3, the quartz
frequency calculation is explained in Chapter 4.4.
3.4.5
Limiter
The Limiter is an AC coupled multistage amplifier with a cumulative gain of approximately 80 dB that has a
bandpass-characteristic centered around 10.7 MHz. It has an input impedance of 330 Ω to allow for easy
interfacing to a 10.7 MHz ceramic IF filter. The limiter circuit acts as a Receive Signal Strength Indicator (RSSI)
generator which produces a DC voltage that is directly proportional to the input signal level as can be seen in
Figure 6. This signal is used to demodulate the ASK receive signal in the subsequent baseband circuitry and to
turn down the LNA gain by approximately 17 dB in case the input signal strength is too strong as described in
Chapter 3.4.1 and Chapter 4.1.
3.4.6
Data Filter
The data filter comprises an OP-Amp with a bandwidth of 100 kHz used as a voltage follower and two 100 kΩ on-
chip resistors. Along with two external capacitors a 2nd order Sallen-Key low pass filter is formed. The selection of
the capacitor values is described in Chapter 4.2.
3.4.7
Data Slicer
The data slicer is a fast comparator with a bandwidth of 100 kHz. This allows for a maximum receive data rate of
approximately 120 kBaud. The maximum achievable data rate also depends on the IF Filter bandwidth and the
local oscillator tolerance values. Both inputs are accessible. The output delivers a digital data signal (CMOS-like
levels) for the detector. The self-adjusting threshold on pin 20 is generated by RC-term or peak detector
depending on the baseband coding scheme. The data slicer threshold generation alternatives are described in
more detail in Chapter 4.5.
3.4.8
Peak Detector
The peak detector generates a DC voltage which is proportional to the peak value of the receive data signal. An
external RC network is necessary. The output can be used as an indicator for the signal strength and also as a
reference for the data slicer. The maximum output current is 500 µA.
3.4.9
Bandgap Reference Circuitry
A Bandgap Reference Circuit provides a temperature stable reference voltage for the device. A power down mode
is available to switch off all sub-circuits which is controlled by the PWDN pin (Pin 27) as shown in the following
table. The supply current drawn in this case is typically 50 nA.
Table 3
CSEL Pin Operating States
CSEL
Crystal Frequency
Open
6.xx MHz
Shorted to ground
13.xx MHz


Similar Part No. - TDA5200_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
More results

Similar Description - TDA5200_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5201 INFINEON-TDA5201 Datasheet
689Kb / 43P
   ASK Single Conversion Receiver
Version 1.5 July 2004
TDA5201 INFINEON-TDA5201_10 Datasheet
1Mb / 38P
   ASK Single Conversion Receiver
Revision 1.6, 2010-12-21
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA5204E1 INFINEON-TDA5204E1 Datasheet
1Mb / 40P
   ASK Single Conversion Receiver 390MHz
Version 1.0 December 2000
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com