Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA21220 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TDA21220
Description  High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21220 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TDA21220 Datasheet HTML 7Page - Infineon Technologies AG TDA21220 Datasheet HTML 8Page - Infineon Technologies AG TDA21220 Datasheet HTML 9Page - Infineon Technologies AG TDA21220 Datasheet HTML 10Page - Infineon Technologies AG TDA21220 Datasheet HTML 11Page - Infineon Technologies AG TDA21220 Datasheet HTML 12Page - Infineon Technologies AG TDA21220 Datasheet HTML 13Page - Infineon Technologies AG TDA21220 Datasheet HTML 14Page - Infineon Technologies AG TDA21220 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TDA21220
Theory of Operation
Preliminary Data Sheet
11
Revision 1.9, 2011-03-31
5
Theory of Operation
The TDA21220 incorporates a high performance gate driver, one high-side power MOSFET and one low-side
power MOSFET in a single 40 lead QFN package. The advantages of this arrangement are found in the areas
of increased performance, increased efficiency and lower overall package and layout inductance.This module is
ideal for use in Synchronous Buck Regulators either as a stand-alone power stage that can deliver up to 50 A or
with an interleaved approach for higher current loads.
The power MOSFETs are tailored for this device. The gate driver is a robust high-performance driver rated at
the switching node for DC voltages ranging from -1 V to +25 V. The closely coupled driver and MOSFETs
enable efficiency improvements that are hard to match using discrete components. The power density for
transmitted power of this approach is approximately 40 W within a 36 mm
2 area.
5.1
Driver Characteristics
The gate driver of the TDA21220 has 2 voltage inputs, VCIN and VDRV. VCIN is the 5 V logic supply for the
driver. VDRV is also 5 V and is used to drive the High and Low Side MOSFETs. Ceramic capacitors should be
placed very close to these input voltage pins to decouple the sensitive control circuitry from a noisy
environment.
The MOSFETs selected for this application are optimized for 5 V gate drive, thus giving the end user optimized
high load as well as light load efficiency. The reference for the power circuitry including the driver output stage is
PGND and the reference for the gate driver control circuit (VCIN) is CGND.
Referring to the Block Diagram page, VCIN is internally connected to the UVLO circuit and for VCIN voltages
less than required for proper circuit operation will provide shut-down. VDRV supplies both, the floating high side
drive and the low-side drive circuits. An active boot circuit for the high side gate drive is also included. A second
UVLO circuitry, sensing the BOOT voltage level, is implemented to prevent false GH turn on during insufficient
power supply level condition (BOOT Cap charging/discharging sequence). During undervoltage both GH and
GL are driven low actively; further passive pull-down (500 k
) is placed across gate-source of both FETs.
Figure 4
Internal Output Signal from UVLO Unit
VCIN
“H”
“L”
VUVLO_F
VUVLO_R
UVLO Output
Logic Level
Shutdown
Enable


Similar Part No. - TDA21220

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220_13 Datasheet
811Kb / 29P
   High-Per formance DrMOS
Revision 2.5, 2013-01-07
More results

Similar Description - TDA21220

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220_13 Datasheet
811Kb / 29P
   High-Per formance DrMOS
Revision 2.5, 2013-01-07
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
OSRAM GmbH
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q971 OSRAM-LS-Q971 Datasheet
211Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q971 OSRAM-LY-Q971 Datasheet
211Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q976 OSRAM-LY-Q976 Datasheet
242Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LO-Q976 OSRAM-LO-Q976 Datasheet
528Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com