Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDK5110F Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TDK5110F
Description  434 MHz ASK/FSK Transmitter in 10-pin Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDK5110F Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TDK5110F Datasheet HTML 3Page - Infineon Technologies AG TDK5110F Datasheet HTML 4Page - Infineon Technologies AG TDK5110F Datasheet HTML 5Page - Infineon Technologies AG TDK5110F Datasheet HTML 6Page - Infineon Technologies AG TDK5110F Datasheet HTML 7Page - Infineon Technologies AG TDK5110F Datasheet HTML 8Page - Infineon Technologies AG TDK5110F Datasheet HTML 9Page - Infineon Technologies AG TDK5110F Datasheet HTML 10Page - Infineon Technologies AG TDK5110F Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
7
V 1.1, 2006-07-10
TDK5110F
Functional Description
2
Functional Description
2.1
Pin Configuration
Figure 1
IC Pin Configuration
2.2
Pin Definition and Functions
Table 1
Pin Definition and Functions - Overview
Pin
No.
Symbol
Function
1
CLKOUT
Clock Driver Output (847.5 kHz)
2
VS
Voltage Supply
3
GND
Ground
4
FSKOUT
Frequency Shift Keying Switch Output
5
COSC
Crystal Oscillator Input (13.56 MHz)
6
ASKDTA
Amplitude Shift Keying Data Input
7
FSKDTA
Frequency Shift Keying Data Input
8
PAGND
Power Amplifier Ground
9
PAOUT
Power Amplifier Output (434 MHz)
10
PDWN
Power Down Mode Control
PDWN
PAOUT
PAGND
FSKDTA
ASKDTA
CLKOUT
VS
GND
FSKOUT
COSC
1
2
3
4
5
10
9
8
7
6
TDK 5110F


Similar Part No. - TDK5110F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
   ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
More results

Similar Description - TDK5110F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA7100 INFINEON-TDA7100 Datasheet
1Mb / 41P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, May 2007
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
TDK5100F INFINEON-TDK5100F Datasheet
503Kb / 35P
   434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5100F INFINEON-TDK5100F_08 Datasheet
1Mb / 39P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.2, April 2008
TDK5116F INFINEON-TDK5116F Datasheet
752Kb / 36P
   868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2006
TDK5111F INFINEON-TDK5111F Datasheet
893Kb / 36P
   315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007
TDK5101F INFINEON-TDK5101F_07 Datasheet
1Mb / 40P
   315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
TDK5101F INFINEON-TDK5101F Datasheet
498Kb / 34P
   315 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDA7116F INFINEON-TDA7116F Datasheet
731Kb / 36P
   868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, March 2009
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
   ASK Transmitter 434 MHz
Version 1.0 March 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com