Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD1211SJ Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLD1211SJ
Description  Basic LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD1211SJ Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLD1211SJ Datasheet HTML 2Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 3Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 4Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 5Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 6Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 7Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 8Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 9Page - Infineon Technologies AG TLD1211SJ Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data sheet
6
Rev. 1.0, 2010-03-26
TLD1211SJ
Basic LED Driver
Electrical Characteristics
4.3
Electrical Characteristics
4.3
Table 3
Electrical Characteristics
8V<
V
S <28V; - 40 °C < TJ < 150 °C, EN = 5 V; R1, R2 = open; all voltages with respect to ground;
positive current defined flowing into pin; unless otherwise specified
Pos.
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
4.3.1
Operating current during over
voltage
Is
OV
––
600
µA
V
out =0V; Vs =42V;
V
sense =0mV
4.3.2
Operating current during open
load
Is
open load
0.5
1.4
1.7
mA
V
out = open;
V
sense =0mV
4.3.3
Standby current
Is
standby
––
300
nA
EN = 0 V;
V
sense =0mV;
Tj <85°C
1)
4.3.4
Standby current
Is
standby,HOT
30
µA
EN = 0 V;
V
sense =0mV
4.3.51
Output current
I
out,ONCOLD
40
mA
V
S-Vout =3V;
V
sense =0mV;
Tj =-40°C
4.3.52
Output current
I
out,ON
65
85
110
mA
V
S-Vout =3V;
V
sense =0mV;
Tj >0°C
1);
Tj <135°C1)
4.3.6
Output current
I
out,ONHOT
60
mA
V
S-Vout =3V;
V
sense =0mV;
Tj =150°C
4.3.7
Output Leakage current
I
out,OFF
––
400
nA
EN = 0 V;
V
out = 0 V
4.3.8
Current of Sense input
I
sense
-5
0.5
µA
V
out =0V,
V
sense =200 mV
4.3.9
Voltage of Sense input
V
sense
135
150
165
mV
R1 = 390 Ω; R2 =10 Ω
See Figure 2;
Tj <115°C
1)
4.3.10
Over voltage Protection
V
s, OV
28
33
V
4.3.11
Drop Voltage
V
s - Vout
1.3
V
I
out <15mA
V
sense =0mV; Vs =8V
EN Input
4.3.12
Current of enable input
I
EN
60
90
130
µAV
EN = 5 V
4.3.13
High Level voltage range
V
EN,ON
1
5.5
V
Use resistors at pin to
be CMOS/TTL
compatible; See
Figure 16
4.3.14
Low Level voltage range
V
EN,OFF
-0.3
0.3
V
Use resistors at pin to
be CMOS/TTL
compatible; See
Figure 16


Similar Part No. - TLD1211SJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD1211SJ INFINEON-TLD1211SJ Datasheet
1Mb / 18P
   LED Current of 2.5 A possible by using external Power Transistors
Rev. 1.0, 2015-02-19
TLD1211SJ INFINEON-TLD1211SJ_15 Datasheet
1Mb / 18P
   LED Current of 2.5 A possible by using external Power Transistors
Rev. 1.0, 2015-02-19
More results

Similar Description - TLD1211SJ

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLD1314EL MARL-TLD1314EL_15 Datasheet
1Mb / 29P
   Basic LED Driver
TLD2314EL MARL-TLD2314EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
TLD2311EL MARL-TLD2311EL_15 Datasheet
1Mb / 34P
   Basic LED Driver
TLD1313EL MARL-TLD1313EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
TLD1121EL MARL-TLD1121EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
TLD1124EL MARL-TLD1124EL_15 Datasheet
1Mb / 29P
   Basic LED Driver
TLD1125EL MARL-TLD1125EL_15 Datasheet
1Mb / 36P
   Basic LED Driver
logo
Infineon Technologies A...
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1313EL INFINEON-TLD1313EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com