Electronic Components Datasheet Search |
|
D1022UK Datasheet(PDF) 2 Page - Seme LAB |
|
D1022UK Datasheet(HTML) 2 Page - Seme LAB |
2 / 4 page D1022UK Prelim.11/00 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Parameter Test Conditions Min. Typ. Max. Unit 70 3 1 17 2.4 0.1 10 50 20:1 180 90 7.5 VGS = 0 ID = 100mA VDS = 28V VGS = 0 VGS = 20V VDS = 0 ID = 10mA VDS = VGS VDS = 10V ID = 3A ID = 10mA VDS = VGS PO = 100W VDS = 28V IDQ = 1.2A f = 500MHz VDS = 28V VGS = –5V f = 1MHz VDS = 28V VGS = 0 f = 1MHz VDS = 28V VGS = 0 f = 1MHz V mA mA V mhos V dB % — pF pF pF ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated) Drain–Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Leakage Current Gate Threshold Voltage* Forward Transconductance* Gate Threshold Voltage Matching Between Sides Common Source Power Gain Drain Efficiency Load Mismatch Tolerance Input Capacitance Output Capacitance Reverse Transfer Capacitance HAZARDOUS MATERIAL WARNING The ceramic portion of the device between leads and metal flange is beryllium oxide. Beryllium oxide dust is highly toxic and care must be taken during handling and mounting to avoid damage to this area. THESE DEVICES MUST NEVER BE THROWN AWAY WITH GENERAL INDUSTRIAL OR DOMESTIC WASTE. RTHj–case Thermal Resistance Junction – Case Max. 0.6°C / W THERMAL DATA * Pulse Test: Pulse Duration = 300 ms , Duty Cycle £ 2% TOTAL DEVICE PER SIDE PER SIDE BVDSS IDSS IGSS VGS(th) gfs VGS(th)match GPS h VSWR Ciss Coss Crss |
Similar Part No. - D1022UK |
|
Similar Description - D1022UK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |