Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4206-4G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4206-4G
Description  H-Bridge Driver Headlight Beam Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4206-4G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4206-4G Datasheet HTML 2Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 3Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 4Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 5Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 6Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 7Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 8Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 9Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
6
Rev. 1.0, 2010-08-05
TLE 4206-4G
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Supply voltage
V
S1
-0.3
45
V
4.1.2
Supply voltage
V
S2
-1
V
t < 0.5 s;
I
S > -2 A
4.1.3
Logic input voltages
(FB, REF, RANGE, HYST)
V
I
-0.3
20
V
Currents
4.1.4
Output current (OUT1, OUT2)
I
OUT
A
internally limited
4.1.5
Output current (Diode)
I
OUT_DIODE -1
1
A
4.1.6
Input current
(FB, REF, RANGE, HYST)
I
IN
-2
-6
2
6
mA
mA
t < 2 ms; t/T < 0.1
Temperatures
4.1.7
Junction Temperature
T
j
-40
150
°C–
4.1.8
Storage Temperature
T
stg
-50
150
°C–
ESD Susceptibility
4.1.9
ESD resistivity of OUT and
VS pin to
GND
V
ESD
-2
2
kV
HBM2)
2) ESD susceptibility, HBM according to EIA/JESD 22-A114B
4.1.10
ESD Resistivity logic pins to GND
V
ESD5,7
-2
2
kV
HBM2)


Similar Part No. - TLE4206-4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206-2G INFINEON-TLE4206-2G Datasheet
494Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
More results

Similar Description - TLE4206-4G

ManufacturerPart #DatasheetDescription
logo
Energizer
INHD5L32H ENERGIZER-INHD5L32H Datasheet
613Kb / 1P
   Brilliant Beam Headlight
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
   H-bridge driver
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
   H BRIDGE DRIVER
logo
Rohm
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
   H-bridge driver
logo
Freescale Semiconductor...
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186 Datasheet
302Kb / 21P
   H-Bridge Driver
MC33186DH1 FREESCALE-MC33186DH1 Datasheet
659Kb / 24P
   H-Bridge Driver
logo
Vishay Siliconix
SI9978DW VISHAY-SI9978DW Datasheet
165Kb / 6P
   Configurable H-Bridge Driver
Rev. D, 05-Apr-99
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com