Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4206-4G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4206-4G
Description  H-Bridge Driver Headlight Beam Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4206-4G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4206-4G Datasheet HTML 4Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 5Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 6Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 7Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 8Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 9Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 10Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 11Page - Infineon Technologies AG TLE4206-4G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
8
Rev. 1.0, 2010-08-05
TLE 4206-4G
General Product Characteristics
4.4
Electrical Characteristics
Electrical Characteristics
V
S= 8 V to 18 V, Tj = -40 °C to +150 °C, IOUT1-2 = 0 A, all voltages with respect to ground, positive current flowing
into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Current Consumption
4.4.1
Supply current
I
S_no load
12
20
mA
no load connected
4.4.2
Supply current
I
S_0.4A
2030mA
I
OUT1 = 0.4 A;
I
OUT2 = -0.4 A
4.4.3
Supply current
I
S_0.8A
3550mA
I
OUT1 = 0.8 A;
I
OUT2 = -0.8 A
Over- and Under Voltage Lockout
4.4.4
UV Switch ON voltage
V
UV ON
–7.4
8V
V
S increasing
4.4.5
UV Switch OFF voltage
V
UV OFF
6.3
6.9
V
V
S decreasing
4.4.6
UV ON/OFF Hysteresis
V
UVHY
–0.5
–V
V
UV ON - VUV OFF
4.4.7
OV Switch OFF voltage
V
OV OFF
20.5
23
V
V
S increasing
4.4.8
OV Switch ON voltage
V
OV ON
17.5
20
V
V
S decreasing
4.4.9
OV ON/OFF Hysteresis
V
OVHY
–0.5
–V
V
OV OFF - VOV ON
Outputs OUT1-2, Saturation Voltages
4.4.10
Source (upper)
I
OUT = -0.2 A
V
SAT U 0.2A
0.851.15V
T
j = 25 °C
4.4.11
Source (upper)
I
OUT = -0.4 A
V
SAT U 0.4A
0.901.20V
4.4.12
Sink (upper)
I
OUT = -0.8 A
V
SAT U 0.8A
1.101.50V
4.4.13
Sink (lower)
I
OUT = 0.2 A
V
SAT L 0.2A
0.150.23V
4.4.14
Sink (lower)
I
OUT = 0.4 A
V
SAT L 0.4A
0.250.40V
4.4.15
Sink (lower)
I
OUT = 0.8 A
V
SAT L 0.8A
0.450.75V
4.4.16
Total drop,
I
OUT = 0.2 A
V
SAT 0.2A
–1.0
1.4
V
V
SAT = VSAT U + VSAT L
4.4.17
Total drop,
I
OUT = 0.4 A
V
SAT 0.4A
–1.2
1.7
V
4.4.18
Total drop,
I
OUT = 0.8 A
V
SAT 0.8A
–1.6
2.5
V
Outputs OUT1-2, Clamp Diodes
4.4.19
Forward voltage; upper
V
FU
–1
1.5
V
I
F = 0.4 A
4.4.20
Upper leakage current
I
LKU
––
5mA
4.4.21
Forward voltage; lower
V
FL
–0.9
1.4
V
Input-Interface, Input REF
4.4.22
Quiescent voltage
V
REFq
200
mV
I
REF = 0 µA
4.4.23
Input resistance
R
REF
–6
–k
0 V <
V
REF < 0.5 V


Similar Part No. - TLE4206-4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206-2G INFINEON-TLE4206-2G Datasheet
494Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
More results

Similar Description - TLE4206-4G

ManufacturerPart #DatasheetDescription
logo
Energizer
INHD5L32H ENERGIZER-INHD5L32H Datasheet
613Kb / 1P
   Brilliant Beam Headlight
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
   H-bridge driver
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
   H BRIDGE DRIVER
logo
Rohm
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
   H-bridge driver
logo
Freescale Semiconductor...
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186 Datasheet
302Kb / 21P
   H-Bridge Driver
MC33186DH1 FREESCALE-MC33186DH1 Datasheet
659Kb / 24P
   H-Bridge Driver
logo
Vishay Siliconix
SI9978DW VISHAY-SI9978DW Datasheet
165Kb / 6P
   Configurable H-Bridge Driver
Rev. D, 05-Apr-99
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com