Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4253E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4253E
Description  Low Dropout Voltage Tracking Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253E Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4253E Datasheet HTML 1Page - Infineon Technologies AG TLE4253E Datasheet HTML 2Page - Infineon Technologies AG TLE4253E Datasheet HTML 3Page - Infineon Technologies AG TLE4253E Datasheet HTML 4Page - Infineon Technologies AG TLE4253E Datasheet HTML 5Page - Infineon Technologies AG TLE4253E Datasheet HTML 6Page - Infineon Technologies AG TLE4253E Datasheet HTML 7Page - Infineon Technologies AG TLE4253E Datasheet HTML 8Page - Infineon Technologies AG TLE4253E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
5
Rev. 1.2, 2009-11-09
TLE4253
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
-40
°C ≤ Tj ≤ 150 °C; all voltages with respect to ground (unless otherwise specified).
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Input voltage
V
I
-42
45
V
4.1.2
Output voltage
V
Q
-2
45
V
4.1.3
Adjust / Enable Input
V
ADJ/EN
-42
45
V
4.1.4
Feedback Input
V
FB
-42
45
V
Temperature
4.1.5
Junction Temperature
T
j
-40
150
°C–
4.1.6
Storage Temperature
T
stg
-50
150
°C–
ESD Rating
4.1.7
ESD Susceptibility
V
ESD,HBM
-4
4
kV
HBM2)
2) ESD susceptibility Human Body Model “HBM” according to EIA/JESD 22-A 114B.
4.1.8
V
ESD,CDM
-1
1
kV
CDM3)
3) ESD susceptibility Charged Device Model “CDM” according to EIA/JESD22-C101 or ESDA STM5.3.1.


Similar Part No. - TLE4253E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4253E INFINEON-TLE4253E Datasheet
32Kb / 1P
   Material Content Data Sheet
7. October 2015
TLE4253E INFINEON-TLE4253E_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. October 2015
More results

Similar Description - TLE4253E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
IFX21401 INFINEON-IFX21401 Datasheet
1Mb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
logo
ON Semiconductor
NCV4250-2C ONSEMI-NCV4250-2C Datasheet
101Kb / 10P
   Low Dropout Voltage Tracking Regulator
October, 2017 ??Rev. 0
NCV4254C ONSEMI-NCV4254C Datasheet
192Kb / 14P
   Low Dropout Voltage Tracking Regulator
November, 2018 ??Rev. 0
logo
Infineon Technologies A...
TLE4254 INFINEON-TLE4254 Datasheet
473Kb / 21P
   High Accuracy Low Dropout Voltage Tracking Regulator
Rev. 1.2, 2009-11-18
logo
National Semiconductor ...
LM9072 NSC-LM9072 Datasheet
477Kb / 15P
   Dual Tracking Low-Dropout System Regulator
logo
Texas Instruments
TPS7B4250-Q1 TI1-TPS7B4250-Q1 Datasheet
316Kb / 17P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO
TPS7B4253-Q1 TI1-TPS7B4253-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B4250-Q1 TI-TPS7B4250-Q1_15 Datasheet
915Kb / 23P
[Old version datasheet]   TPS7B4250-Q1 Low-Dropout Voltage-Tracking LDO
logo
ON Semiconductor
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com