Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4254 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4254
Description  High Accuracy Low Dropout Voltage Tracking Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4254 Datasheet HTML 2Page - Infineon Technologies AG TLE4254 Datasheet HTML 3Page - Infineon Technologies AG TLE4254 Datasheet HTML 4Page - Infineon Technologies AG TLE4254 Datasheet HTML 5Page - Infineon Technologies AG TLE4254 Datasheet HTML 6Page - Infineon Technologies AG TLE4254 Datasheet HTML 7Page - Infineon Technologies AG TLE4254 Datasheet HTML 8Page - Infineon Technologies AG TLE4254 Datasheet HTML 9Page - Infineon Technologies AG TLE4254 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLE4254
General Product Characteristics
Data Sheet
6
Rev. 1.2, 2009-11-18
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
-40
°C ≤ Tj ≤ 150 °C; all voltages with respect to ground (unless otherwise specified).
Not subject to production test; specified by design.
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Input voltage
V
I
-20
45
V
4.1.2
Adjust / Enable input voltage
V
ADJ/EN
-20
45
V
4.1.3
Output voltage
V
Q
-5
45
V
4.1.4
Feedback input voltage (version
GA / EJ A)
V
FB
-20
45
V
4.1.5
Status output voltage (version
GS / EJ S)
V
ST
-0.3
7
V
Temperatures
4.1.6
Junction Temperature
T
j
-40
150
°C–
4.1.7
Storage Temperature
T
stg
-50
150
°C–
ESD Rating
4.1.8
ESD Susceptibility
|V
ESD,HBM|
4–
kV
HBM 2)
2) ESD susceptibility Human Body Model “HBM” according to AEC-Q100-002 - JESD22-A114
4.1.9
|V
ESD,CDM|
1
kV
CDM 3)
3) ESD susceptibility Charged Device Model “CDM” according to ESDA STM5.3.1


Similar Part No. - TLE4254

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
TLE4250-2G INFINEON-TLE4250-2G Datasheet
314Kb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
   Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLE4251 INFINEON-TLE4251 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
More results

Similar Description - TLE4254

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
   Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
IFX21401 INFINEON-IFX21401 Datasheet
1Mb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
logo
ON Semiconductor
NCV4250-2C ONSEMI-NCV4250-2C Datasheet
101Kb / 10P
   Low Dropout Voltage Tracking Regulator
October, 2017 ??Rev. 0
NCV4254C ONSEMI-NCV4254C Datasheet
192Kb / 14P
   Low Dropout Voltage Tracking Regulator
November, 2018 ??Rev. 0
NCV8537 ONSEMI-NCV8537_17 Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
NCP3334A ONSEMI-NCP3334A Datasheet
161Kb / 8P
   Ultra High Accuracy Low Dropout Regulator
September, 2015 ??Rev. 1
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
   400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
logo
National Semiconductor ...
LM9072 NSC-LM9072 Datasheet
477Kb / 15P
   Dual Tracking Low-Dropout System Regulator
logo
Analog Devices
ADP3338AKCZ-2.5RL7 AD-ADP3338AKCZ-2.5RL7 Datasheet
295Kb / 16P
   High Accuracy, Ultralow I Low Dropout Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com