Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4274GV85 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4274GV85
Description  Low Drop Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274GV85 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4274GV85 Datasheet HTML 1Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 2Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 3Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 4Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 5Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 6Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 7Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 8Page - Infineon Technologies AG TLE4274GV85 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Table 2
Absolute Maximum Ratings
T
j = -40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Max.
Input
Voltage
V
I
-42
45
V
Current
I
I
Internally limited
Output
Voltage
V
Q
-1.0
40
V
Current
I
Q
Internally limited
Ground
Current
I
GND
100
mA
Temperature
Junction temperature
T
j
150
°C
Storage temperature
T
stg
-50
150
°C
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input voltage; V50, DV50,
GV50
V
I
5.5
40
V
Input voltage, V85, GV85
V
I
9.0
40
V
Input voltage, V10, GV10
V
I
10.5
40
V
Junction temperature
T
j
-40
150
°C
Thermal Resistance
Junction ambient
R
thja
65
K/W
TO220
1)
Junction ambient
R
thja
78
K/W
TO252
1)
1) Worst case; regarding peak temperature, zero airflow mounted on PCB 80
× 80 × 1.5 mm3, 300 mm2 heat sink
area.
Junction ambient
R
thja
52
K/W
TO263
1)
Junction case
R
thjc
4
K/W
TLE 4274
Data Sheet
5
Rev. 1.7, 2011-01-20
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.


Similar Part No. - TLE4274GV85

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4274GV85 SIEMENS-TLE4274GV85 Datasheet
81Kb / 13P
   Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4274GV85 INFINEON-TLE4274GV85 Datasheet
207Kb / 16P
   Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
Rev. 1.6, 2007-01-23
TLE4274GV85 INFINEON-TLE4274GV85 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
More results

Similar Description - TLE4274GV85

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com