Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4296-2 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4296-2
Description  Low Drop Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4296-2 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4296-2_11 Datasheet HTML 3Page - Infineon Technologies AG TLE4296-2_11 Datasheet HTML 4Page - Infineon Technologies AG TLE4296-2_11 Datasheet HTML 5Page - Infineon Technologies AG TLE4296-2_11 Datasheet HTML 6Page - Infineon Technologies AG TLE4296-2_11 Datasheet HTML 7Page - Infineon Technologies AG TLE4296-2_11 Datasheet HTML 8Page - Infineon Technologies AG TLE4296-2_11 Datasheet HTML 9Page - Infineon Technologies AG TLE4296-2_11 Datasheet HTML 10Page - Infineon Technologies AG TLE4296-2_11 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TLE4296-2
Electrical Characteristics
Data Sheet
7
Rev. 1.11, 2011-02-10
5
Electrical Characteristics
5.1
Electrical Characteristics Voltage Regulator
Electrical Characteristics
V
I = 13.5 V; VINH > 2.5 V; Tj = -40 °C to +150 °C; all voltages with respect to ground (unless otherwise
specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Measuring Condition
Min.
Typ.
Max.
5.1.1
Output Voltage
TLE4296-2GV33
V
Q
3.17
3.3
3.43
V
1 mA ≤
I
Q ≤ 30 mA
5.1.2
3.17
3.3
3.43
V
I
Q = 10 mA ;
4.3 V ≤
V
I ≤ 40 V
5.1.1
Output Voltage
TLE4296-2GV50
V
Q
4.80
5.00
5.20
V
1 mA ≤
I
Q ≤ 30 mA
5.1.2
4.80
5.00
5.20
V
I
Q = 10 mA ;
6V ≤
V
I ≤ 40 V
5.1.3
Output Current Limitation
I
Q
30
mA
1)
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value.
5.1.4
Dropout Voltage 1)
V
dr
250
300
mV
I
Q =20mA
5.1.5
Output capacitor
C
Q
3.3
μF
ESR ≤ 2
Ω at 10 kHz
5.1.6
Current Consumption
I
q = II IQ
I
q
–2
5.2
mA
I
Q <30mA
5.1.7
130
170
μA
I
Q < 0.1 mA ; Tj < 85 °C
5.1.8
Quiescent Current (stand-by)
I
q = II IQ
I
q
––
1
μA
V
INH =0.4 V ; Tj < 85 °C
5.1.9
5
μA
V
INH =0.4 V
5.1.10 Load Regulation
V
Q
–17
50
mV
1 mA <
I
Q <25mA ;
T
j =25 °C ;
TLE4296-2GV50
5.1.11
14
40
mV
1 mA <
I
Q <25mA ;
T
j =25 °C ;
TLE4296-2GV33
5.1.12 Line Regulation
V
Q
–10
25
mV
V
I =(VQ,nom + 0.5 V)
to 36 V ;
I
Q = 1 mA ; Tj =25°C
5.1.13 Power Supply Ripple
Rejection
PSRR
60
dB
f
r =100 kHz ; Vr = 0.5 Vpp
Logic Inhibit Input
5.1.14 Inhibit, Turn-on voltage
V
INH,high
––
2.2
V
V
Q >0.95*VQ,nom
5.1.15 Inhibit, Turn-off voltage
V
INH,low
0.4
V
V
Q <0.1 V
5.1.16 H-input current
I
INH,high
–8
12
μA
V
INH =5V
5.1.17 L-input current
I
INH,low
-2
2
μA
V
INH =0V


Similar Part No. - TLE4296-2_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results

Similar Description - TLE4296-2_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com