Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6209R Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE6209R Datasheet HTML 1Page - Infineon Technologies AG TLE6209R Datasheet HTML 2Page - Infineon Technologies AG TLE6209R Datasheet HTML 3Page - Infineon Technologies AG TLE6209R Datasheet HTML 4Page - Infineon Technologies AG TLE6209R Datasheet HTML 5Page - Infineon Technologies AG TLE6209R Datasheet HTML 6Page - Infineon Technologies AG TLE6209R Datasheet HTML 7Page - Infineon Technologies AG TLE6209R Datasheet HTML 8Page - Infineon Technologies AG TLE6209R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TLE 6209 R
Data Sheet, Version 3.2
4
2010-09-10
1.3
Functional Block Diagram
Bias
Inhibit
Charge
Pump
S
P
I
UV
OV
TSD
Fault-
Detect
≥ 1
V
CC
INH
SCLK
SDO
SDI
CSN
DRV
PWM
DIR
V
S
GND
OUT 2
OUT 1
DIS
Driver
&
Gate-
Control
1,10,11,20
16
15
4,17
2,3
18,19
14
13
7
5
6
8
12
9
Direct
Input
8 Bit
Logic
and
Latch
Figure 1
Block Diagram
16
DRV
Drive; Input for external charge pump capacitor
C
DRV
18,19
OUT2
Output 2; output of D-MOS half bridge 2; external connection
between pin 2 and pin 3 is necessary.
1.2.1
Pin Definitions and Functions (cont’d)
Pin No. Symbol Function


Similar Part No. - TLE6209R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6209R INFINEON-TLE6209R Datasheet
329Kb / 30P
   7 A H-Bridge for DC-Motor Applications
2007-08-01 Rev.3.1
TLE6209R INFINEON-TLE6209R Datasheet
278Kb / 28P
   7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
TLE6209R INFINEON-TLE6209R_07 Datasheet
329Kb / 30P
   7 A H-Bridge for DC-Motor Applications
2007-08-01 Rev.3.1
More results

Similar Description - TLE6209R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7209-2R INFINEON-TLE7209-2R_10 Datasheet
385Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
TLE7209-2R INFINEON-TLE7209-2R Datasheet
335Kb / 32P
   7 A H-Bridge for DC-Motor Applications
V1.0, 2004-mar-12
TLE6209R INFINEON-TLE6209R Datasheet
278Kb / 28P
   7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
TLE6209R INFINEON-TLE6209R_07 Datasheet
329Kb / 30P
   7 A H-Bridge for DC-Motor Applications
2007-08-01 Rev.3.1
TLE7209-2R INFINEON-TLE7209-2R_07 Datasheet
428Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.4, 2007-04-05
TLE5206-2G INFINEON-TLE5206-2G Datasheet
198Kb / 22P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2_07 Datasheet
342Kb / 25P
   5-A H-Bridge for DC-Motor Applications
Rev. 1.1, 2007-07-31
TLE5206-2 INFINEON-TLE5206-2_07 Datasheet
335Kb / 24P
   5-A H-Bridge for DC-Motor Applications
Rev.1.1, 2007-07-31
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com