Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6270R Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6270R
Description  Quad Low Side Injector Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6270R Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6270R Datasheet HTML 6Page - Infineon Technologies AG TLE6270R Datasheet HTML 7Page - Infineon Technologies AG TLE6270R Datasheet HTML 8Page - Infineon Technologies AG TLE6270R Datasheet HTML 9Page - Infineon Technologies AG TLE6270R Datasheet HTML 10Page - Infineon Technologies AG TLE6270R Datasheet HTML 11Page - Infineon Technologies AG TLE6270R Datasheet HTML 12Page - Infineon Technologies AG TLE6270R Datasheet HTML 13Page - Infineon Technologies AG TLE6270R Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
TLE6270R
Quad Low Side Injector Driver
General Product Characteristics
Data Sheet
10
V1.3, 2008-12-23
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Supply voltage
V
S
4.5
5.5
V
4.2.2
Junction temperature continuous
T
j1
-40
150
°C
Permanent
operation
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Junction to Case1)
1) Not subject to production test, specified by design.
R
thJC
––
2K/W


Similar Part No. - TLE6270R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6208-3-G INFINEON-TLE6208-3-G Datasheet
198Kb / 21P
   Triple-Half-Bridge
2001-05-10
TLE6208-3G INFINEON-TLE6208-3G Datasheet
198Kb / 21P
   Triple-Half-Bridge
2001-05-10
TLE6208-3G INFINEON-TLE6208-3G Datasheet
198Kb / 21P
   Triple-Half-Bridge
2001-05-10
TLE6208-3G INFINEON-TLE6208-3G Datasheet
415Kb / 22P
   Triple Half Bridges Optimized for DC motor management applications
2007-09-12
TLE6208-3G INFINEON-TLE6208-3G_07 Datasheet
415Kb / 22P
   Triple Half Bridges Optimized for DC motor management applications
2007-09-12
More results

Similar Description - TLE6270R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
   QUAD LOW SIDE DRIVER
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
   QUAD LOW SIDE DRIVER
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
   QUAD LOW SIDE DRIVER
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
   QUAD LOW SIDE DRIVER
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com