Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6284G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6284G
Description  H-Bridge Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6284G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6284G_08 Datasheet HTML 5Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 6Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 7Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 8Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 9Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 10Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 11Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 12Page - Infineon Technologies AG TLE6284G_08 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet TLE6284G
Data Sheet
9
Rev 2.4 2008-03-18
output stage the ER1 is pulled down. This shut down can be caused by undervoltage or
short circuit. In this condition ER2 indicates the reason for the shut down.
Condition of
ER1 pin
Condition of
ER2 pin
Function
5V
5V
no errors
5V
0V
overtemperature warning of driver IC
0V
5V
Shut down of any output stage caused by short circuit
0V
0V
Shut down of any output stage caused by undervoltage
Recommended Start-up procedure
The following procedure is recommended whenever the Driver IC is powered up:
• Disable the Driver IC via DT/DIS pin
• Wait until the bootstrap capacitors of High Side MOSFET CBx are charged (the waiting
time depends on application conditions, e.g. CBx and RBx)
• Enable the Driver IC via DT/DIS pin
• Start the operation by applying the desired pulse patterns. Do not apply any pulse pat-
terns to the PWM or DIR pin, before the CBx capacitors are charged up.
Short Circuit protection
The current threshold limit to activate the Short Circuit protection function can be adjusted to
larger values, it can not be adjusted to lower values. This can be done by external resistors
to form voltage dividers across the “sense element” (pls. see Application block diagram on
pg. 2), consisting of the Drain-Source-Terminals, a fraction of the PCB trace and – in some
cases – current sense resistors (used by the µC not by the Driver IC).
The Short Circuit protection can be disabled for the High Side MOSFETs by shorting DH1
with SH1 and DH2 with SH2 on the PCB; in this case the DHx pins may not be connected to
the Drains of the associated MOSFETs. To disable Short Circuit protection for the Low Side
MOSFETs the DL1 and DL2 pin should be connected to the Driver IC´s Ground.
Shut down of the driver
A shut down can be caused by undervoltage or short circuit.
A short circuit will shut down only the affected Mosfet until a reset of the error register by a
disable of the driver occurs. A shut down due to short circuit will occur only when the Short
Circuit criteria VDS(SCP) is met for a duration equal to or longer than the Short Circuit filter time
tSCP(off). Yet, the exposure to or above VDS(SCP) is not counted or accumulated. Hence, repeti-
tive Short Circuit conditions shorter than tscp(off) will not result in a shut down of the affected
MOSFET.
An undervoltage shut down shuts only the affected output down. The affected output will
auto restart after the undervoltage situation is over.
Operation at Vs<12V
If Vs<11.5V the gate voltage will not reach 10V. It will reach approx Vs-1.5V, dependent on
duty cyle, bootstrap capacitor, total gate charge of the external Mosfet and switching fre-
quency.


Similar Part No. - TLE6284G_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
   H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
More results

Similar Description - TLE6284G_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
   H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
   H-Bridge Driver IC
2006-01-30
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
   H-Bridge Gate Driver IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
Texas Instruments
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver IC
DRV8841 TI1-DRV8841 Datasheet
661Kb / 18P
[Old version datasheet]   DUAL H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H660FTG TOSHIBA-TC78H660FTG Datasheet
513Kb / 26P
   Dual H Bridge driver IC
2020-07-14
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
   H-Bridge Gate Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com