Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6284G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6284G
Description  H-Bridge Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6284G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6284G Datasheet HTML 7Page - Infineon Technologies AG TLE6284G Datasheet HTML 8Page - Infineon Technologies AG TLE6284G Datasheet HTML 9Page - Infineon Technologies AG TLE6284G Datasheet HTML 10Page - Infineon Technologies AG TLE6284G Datasheet HTML 11Page - Infineon Technologies AG TLE6284G Datasheet HTML 12Page - Infineon Technologies AG TLE6284G Datasheet HTML 13Page - Infineon Technologies AG TLE6284G Datasheet HTML 14Page - Infineon Technologies AG TLE6284G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet TLE6284G
Data Sheet
11
Rev 2.4 2008-03-18
Estimation of power loss within the Driver IC
The power loss within the Driver IC is strongly dependent on the use of the driver and the
external components. Nevertheless a rough estimation of the worst case power loss is pos-
sible. Worst case calculation is:
PLoss = (Qgate*n*const* fPWM + IVS(open))* VVs - PRGate
With:
PLoss = Power loss within the Driver IC
fPWM = Switching freqency
Qgate = Total gate charge of used MOSFETs at 10V VGS
n
= Number of switched MOSFETs
const = Constant considering some leakage current in the driver (about 1.2)
IVS(open) = Current consumption of driver without connected Mosfets during switching
VVS
= Voltage at Vs
PRGate = Power dissipation in the external gate resistors
This value can be reduced dramatically by usage of external gate resistors.
Conditions :
Junction temperature Tj = 25
oC
Number of switched MOSFET n = 2
Power dissipation in the external gate resistors PRGate = 0,2*PLoss
Estimated Power Loss PLOSS within the Driver IC
for different supply voltages Vs
at QG = 100nC @ VGS = 10V
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0
10
203040
5060
PWM Frequency (kHz)
Vs = 8V
Vs = 14V
Vs = 18V
Estimated Power Loss PLOSS within the Driver IC
for different gate charges QG
at supply voltage Vs = 14V
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0
102030
4050
60
PWM Frequency (kHz)
QG = 50nC
QG = 100nC
QG = 200nC


Similar Part No. - TLE6284G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
   H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
256Kb / 16P
   H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
   H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
More results

Similar Description - TLE6284G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
   H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
   H-Bridge Driver IC
2006-01-30
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
   H-Bridge Gate Driver IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
Texas Instruments
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver IC
DRV8841 TI1-DRV8841 Datasheet
661Kb / 18P
[Old version datasheet]   DUAL H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H660FTG TOSHIBA-TC78H660FTG Datasheet
513Kb / 26P
   Dual H Bridge driver IC
2020-07-14
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
   H-Bridge Gate Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com