Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6363 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6363
Description  Multifunctional Voltage Regulator and Watchdog
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6363 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6363_03 Datasheet HTML 6Page - Infineon Technologies AG TLE6363_03 Datasheet HTML 7Page - Infineon Technologies AG TLE6363_03 Datasheet HTML 8Page - Infineon Technologies AG TLE6363_03 Datasheet HTML 9Page - Infineon Technologies AG TLE6363_03 Datasheet HTML 10Page - Infineon Technologies AG TLE6363_03 Datasheet HTML 11Page - Infineon Technologies AG TLE6363_03 Datasheet HTML 12Page - Infineon Technologies AG TLE6363_03 Datasheet HTML 13Page - Infineon Technologies AG TLE6363_03 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TLE 6363
Data Sheet Rev. 1.2
10
2003-06-02
Watchdog Generator; WDI
H-input voltage threshold
V
WDIH
––0.7
×
V
CC
V–
L-input voltage threshold
V
WDIL
0.3
×
V
CC
––V
Watchdog period
T
WD
–128
t
CYL
V
CC ≥ 4.8 V
Start of reset;
after watchdog time-out
t
SR
–64
t
CYL
V
CC ≥ 4.8 V
Reset duration;
after watchdog time-out
t
WDR
–64
t
CYL
V
CC ≥ 4.8 V
Open window time
t
OW
–32
t
CYL
V
CC ≥ 4.8 V
Closed window time
t
CW
–32
t
CYL
V
CC ≥ 4.8 V
Window watchdog trigger
time
t
WD
–46.4
t
CYL
V
CC ≥ 4.8 V
System Enable Output; SEN
Enable low voltage
V
SENL
–0.2
0.4
V
I
SENL = 2 mA;
2.5 V <
V
CC < VRT
Enable low voltage
V
SENL
–0.2
0.4
V
I
SENL = 0.2 mA;
1 V <
V
CC < VRT
Enable high voltage
V
SENH
V
CC
0.1
V
CC +
0.1
V
I
SENH = 0 mA
Enable pull up current
I
SEN
–240
µA0 V < V
SEN < 4 V
Electrical Characteristics (cont’d)
8V <
V
Boost < 35 V; 4.75 V < VCC < 5.25 V; – 40 ° C < Tj < 150 ° C; RR =47kΩ; all voltages
with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ.
max.


Similar Part No. - TLE6363_03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6363G INFINEON-TLE6363G Datasheet
278Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
More results

Similar Description - TLE6363_03

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
TLE6363 INFINEON-TLE6363 Datasheet
278Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
TLE6711 INFINEON-TLE6711_07 Datasheet
983Kb / 25P
   Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
logo
Melexis Microelectronic...
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
   Voltage Regulator with LIN Transceiver and Watchdog
logo
Rohm
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
ELMOS Semiconductor AG
E910.48 ELMOS-E910.48 Datasheet
122Kb / 1P
   LIN transceiver with voltage regulator and watchdog
logo
Sanyo Semicon Device
LA5612 SANYO-LA5612 Datasheet
59Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com