Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3052 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC3052
Description  NPN Plastic-Encapsulate Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC3052 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  2SC3052 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC3052 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC3052 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
2SC3052
0.2A , 50V
NPN Plastic-Encapsulate Transistor
18-Feb-2011 Rev. B
Page 3 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - 2SC3052

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC3052 ISAHAYA-2SC3052 Datasheet
220Kb / 5P
   LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
SHIKUES Electronics
2SC3052 SKTECHNOLGY-2SC3052 Datasheet
2Mb / 3P
   Excellent linearity of DC forward current gain
logo
Jiangsu Changjiang Elec...
2SC3052 JIANGSU-2SC3052 Datasheet
80Kb / 1P
   TRANSISTOR (NPN)
logo
Jinan Jing Heng Electro...
2SC3052 JINGHENG-2SC3052 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC3052 JIANGSU-2SC3052 Datasheet
36Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - 2SC3052

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
   NPN Plastic Plastic-Encapsulate Transistor
2SD2114 SECOS-2SD2114_15 Datasheet
413Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SD2142 SECOS-2SD2142_15 Datasheet
335Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SD601A SECOS-2SD601A_15 Datasheet
58Kb / 1P
   NPN Plastic-Encapsulate Transistor
2SC2859 SECOS-2SC2859_15 Datasheet
526Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883_15 Datasheet
370Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215_15 Datasheet
195Kb / 3P
   NPN Plastic-Encapsulate Transistor
BCP3669 SECOS-BCP3669_15 Datasheet
191Kb / 2P
   NPN Plastic-Encapsulate Transistor
BC817W SECOS-BC817W_15 Datasheet
240Kb / 2P
   NPN Plastic Encapsulate Transistor
M8050T SECOS-M8050T_15 Datasheet
64Kb / 1P
   NPN Plastic Encapsulate Transistor
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
   NPN Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com