Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6365 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6365
Description  Step Down Voltage Regulator with Reset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6365_07 Datasheet HTML 3Page - Infineon Technologies AG TLE6365_07 Datasheet HTML 4Page - Infineon Technologies AG TLE6365_07 Datasheet HTML 5Page - Infineon Technologies AG TLE6365_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6365_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6365_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6365_07 Datasheet HTML 9Page - Infineon Technologies AG TLE6365_07 Datasheet HTML 10Page - Infineon Technologies AG TLE6365_07 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TLE 6365
Data Sheet
7
Rev. 1.9, 2007-07-30
Buck-Converter; BUO, BDS, BUC and
V
CC
Logic supply voltage
V
CC
4.9
5.1
V
1 mA <
I
CC < 400 mA;
see Figure 6
Efficiency;
see Figure 6
η
–85
%
I
CC = 400 mA;
V
S = 14 V
Power-Stage ON
resistance
R
BUON
–0.38
0.5
T
j = 25 °C;
I
BUO = 0.6 A
Power-Stage ON
resistance
R
BUON
––
1.0
I
BUO = 0.6 A
Buck overcurrent
threshold
I
BUOC
0.7
0.9
1.2
A
Input current on pin
V
CC
I
CC
––
500
µA
V
CC = 5 V
Buck Gate supply
voltage;
V
BGS = VS - VBDS
V
BGS
57.2
10
V
Reference Input; R (Oscillator; Timebase for Buck-Converter and Reset)
Voltage on pin R
V
R
–1.4
V
R
R = 100 kΩ
Oscillator frequency
f
OSC
85
95
105
kHz
T
j = 25 °C
Oscillator frequency
f
OSC
75
115
kHz
Cycle time for reset
timing
t
CYL
–1
ms
t
CYL = 100 / fOSC
Table 4
Electrical Characteristics (cont’d)
8 V <
V
S < 35 V; 4.75 V < VCC < 5.25 V; -40 °C < Tj < 150 °C; RR = 47 kΩ; all voltages
with respect to ground; positive current defined flowing into the pin; unless otherwise
specified
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.


Similar Part No. - TLE6365_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6365G INFINEON-TLE6365G Datasheet
322Kb / 17P
   Step Down Voltage-Regulator with Reset
Rev. 1.7 2003-06-02
More results

Similar Description - TLE6365_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6365G INFINEON-TLE6365G Datasheet
322Kb / 17P
   Step Down Voltage-Regulator with Reset
Rev. 1.7 2003-06-02
logo
Linear Technology
LT3688 LINER-LT3688 Datasheet
421Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset
logo
Texas Instruments
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
   STEP UP & DOWN VOLTAGE REGULATOR
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2593 CHAMP-CM2593 Datasheet
316Kb / 12P
   2A Step Down VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com