Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7368-3E Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7368-3E
Description  Next Generation Micro Controller Supply
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368-3E Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7368-3E Datasheet HTML 4Page - Infineon Technologies AG TLE7368-3E Datasheet HTML 5Page - Infineon Technologies AG TLE7368-3E Datasheet HTML 6Page - Infineon Technologies AG TLE7368-3E Datasheet HTML 7Page - Infineon Technologies AG TLE7368-3E Datasheet HTML 8Page - Infineon Technologies AG TLE7368-3E Datasheet HTML 9Page - Infineon Technologies AG TLE7368-3E Datasheet HTML 10Page - Infineon Technologies AG TLE7368-3E Datasheet HTML 11Page - Infineon Technologies AG TLE7368-3E Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Data Sheet
8
Rev. 2.1, 2010-11-22
TLE7368
Pin Configuration
22
23
SEL_LDO2 Selection input LDO2;
Connect to GND to select 2.6 V output voltage for LDO2;
Connect straight to Q_LDO2 to select 3.3 V output voltage for LDO2.
23
24
WDI
Window Watchdog input;
Apply a watchdog trigger signal to this pin
24
25
WDO
Window Watchdog output;
Open drain output, active low,
connect external 10 k
Ω pull-up resistor to microcontroller I/O voltage
25, 26
26, 27
SW
Buck power stage’s output;
Connect both pins directly, on short lines, to the Buck converter circuit,
i.e. the catch diode and the Buck inductance
27
28
BST
Bootstrap driver supply input;
Connect the buck power stage’s driver supply capacitor to the SW pins;
For capacitor selection please refer to Chapter 6.
28
29
FB/L_IN
Buck converter feedback input plus input for LDO1 and trackers;
Connect the output of the buck converter circuit with short lines to these
pins; For Buck output capacitor selection please refer to Chapter 6.
29
30
Q_LDO1
Voltage regulator 1 output;
5 V output; Block to GND with capacitor for stable regulator operation;
Selection of capacitor
C
Q_LDO1 according to Chapter 4.4 and
Chapter 6.
30
31
FB_EXT
External regulator feedback input;
Feedback input of control loop for the external power stage regulator.
Connect to the emitter of the regulating transistor; Block to GND with
capacitor for stable regulator operation; Selection of capacitor
C
Q_FB_EXT according to Chapter 4.4 and Chapter 6.
31
32
DRV_EXT
Bipolar power stage driver output;
Connect the base of an external NPN transistor directly to this pin;
Regarding choice of the external power stage refer to Chapter 6.
32, 33
N.C.
Internally not connected; Connect to GND_A.
34
33
Q_STBY
Stand-by regulator output;
Output voltage depending on the state of SEL_STBY; Block to GND
with capacitor for stable regulator operation; Selection of capacitor
C
Q_STBY according to Chapter 4.4 and Chapter 6.
35
34
IN_STBY
Input to stand-by regulator;
Always connect the reverse polarity protected battery line to this pin;
Input to all IC internal biasing circuits;
Block to GND directly at the IC with ceramic capacitor; For proper
choice of input capacitors please refer to Chapter 6.
36
35
MON_STBY Monitoring output for stand-by regulator; power fail active low
output with special timing, open drain, connect external pull-up resistor.
36
GND_A
Analog ground connection;
Connect to exposed pad.
Pin
(TLE7368G)
Pin
(TLE7368E)
Symbol
Function


Similar Part No. - TLE7368-3E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
   Next Generation Micro Controller Supply
Rev. 1.1, November 2007
TLE7368E INFINEON-TLE7368E Datasheet
965Kb / 39P
   Next Generation Micro Controller Supply
Rev. 1.1, November 2007
TLE7368G INFINEON-TLE7368G Datasheet
965Kb / 39P
   Next Generation Micro Controller Supply
Rev. 1.1, November 2007
More results

Similar Description - TLE7368-3E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
   Next Generation Micro Controller Supply
Rev. 1.1, November 2007
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
   Interworking Controller Next Generation
2003
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Hirose Electric
ZX360 HIROSE-ZX360 Datasheet
607Kb / 1P
   Next Generation I/F Connector Supporting Micro USB 3.0
logo
List of Unclassifed Man...
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
   next generation power source
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
   Next Generation RFID Reader Module
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
   NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
Glenair, Inc.
180_118 GLENAIR-180_118 Datasheet
265Kb / 1P
   Next Generation MIL-PRF-64266
logo
Infineon Technologies A...
PEB3328 INFINEON-PEB3328 Datasheet
341Kb / 2P
   Enhanced Solutionsfor Next Generation Analog Telephony
logo
TE Connectivity Ltd
C-1971905 TEC-C-1971905 Datasheet
197Kb / 3P
   NEXT GENERATION GI3.3 PLUG HOUSING 2ROW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com