Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8386EL Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE8386EL
Description  Smart Boost Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8386EL Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE8386EL Datasheet HTML 1Page - Infineon Technologies AG TLE8386EL Datasheet HTML 2Page - Infineon Technologies AG TLE8386EL Datasheet HTML 3Page - Infineon Technologies AG TLE8386EL Datasheet HTML 4Page - Infineon Technologies AG TLE8386EL Datasheet HTML 5Page - Infineon Technologies AG TLE8386EL Datasheet HTML 6Page - Infineon Technologies AG TLE8386EL Datasheet HTML 7Page - Infineon Technologies AG TLE8386EL Datasheet HTML 8Page - Infineon Technologies AG TLE8386EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PG-SSOP-14
Type
Package
Marking
TLE8386EL
PG-SSOP-14
TLE8386
Datasheet
3
Rev. 1.0, 2009-11-30
Smart Boost Controller
TLE8386EL
1Overview
Features
Wide Input Voltage Range from 4.75 V to 45 V
Constant Current or Constant Voltage Regulation
Very Low Shutdown Current: IQ< 10 µA
Flexible Switching Frequency Range, 100 kHz to 500 kHz
Synchronization with external clock source
Output Open Circuit Diagnostic Output
Available in a small thermally enhanced PG-SSOP-14 package
Internal 5 V Low Drop Out Voltage Regulator
Output Overvoltage Protection
Internal Soft Start
Over Temperature Shutdown
Automotive AEC Qualified
Green Product (RoHS) Compliant
Description
The TLE8386EL is a boost controller with built in protection and diagnostic features. The main function of this
device is step-up (boost) an input voltage to a larger output voltage. The diagnostics are communicated on a status
output (pin ST) to indicate a fault conditions such as over temperature, open feedback and open load. The
switching frequency is adjustable in the range of 100 kHz to 500 kHz and can be synchronized to an external clock
source. The TLE8386EL features an enable function reducing the shut-down current consumption to <10 µA. The
current mode regulation scheme of this device provides a stable regulation loop maintained by small external
compensation components. The integrated soft-start feature limits the current peak as well as voltage overshoot
at start-up. This IC is suited for use in the harsh automotive environments and provides protection functions such
as output overvoltage protection and overtemperature shutdown.


Similar Part No. - TLE8386EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 32P
   Basic Smart Boost Controller
ev. 1.0, 2010-10-25
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
941Kb / 13P
   Quickstart Manual for EVAL KIT HPD G1 SiC
Revision 1.0 2022-05-27
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 20P
   Gate Driver Board
Revision 1.0 2022-05-27
More results

Similar Description - TLE8386EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 32P
   Basic Smart Boost Controller
ev. 1.0, 2010-10-25
logo
BCD Semiconductor Manuf...
AP3039 BCDSEMI-AP3039 Datasheet
286Kb / 16P
   BOOST CONTROLLER
AP3039 BCDSEMI-AP3039_09 Datasheet
812Kb / 19P
   BOOST CONTROLLER
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863 Datasheet
378Kb / 27P
   Boost Controller
V1.0, May 2003
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
   Smart Iron Controller
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
   PWM BOOST CONTROLLER
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
   PWM BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com